Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPI-2W Datasheet(PDF) 2 Page - Toppower Electronic Technology Limited

Part # TPI-2W
Description  2W 3KVDC Isolated & Regulated Single and Dual Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPI-2W Datasheet(HTML) 2 Page - Toppower Electronic Technology Limited

  TPI-2W Datasheet HTML 1Page - Toppower Electronic Technology Limited TPI-2W Datasheet HTML 2Page - Toppower Electronic Technology Limited TPI-2W Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TPI-2W Series
www.gztoppower.com
TEL:0086-20-62162688
EMAIL:sales2@gztoppower.com
page 2 of 3
Note:
1. All specifications measured at TA=25°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
2. See below recommended circuits for more details;
3. Operation under minimum load will not damage the converter; However, they may not meet all
specification listed, and that will reduce the life of product.
TYPICAL CHARACTERISTICS
MECHANICAL DIMENSIONS
PIN CONNECTIONS
10 PIN SIP
Pin
Function
1
+Vin
2
-Vin
7
+Vout
*
9
-Vout
10
0V
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
COMMON SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Units
Storage humidity range
95
%
Operating temperature
Derating if the temperature ≥85°C
-40
105
Storage temperature
-55
125
Temp. rise at full load
20
30
Lead temperature
1.5mm from case for 10 seconds
300
Cooling
Free air convection
Case material
Plastic(UL94-V0)
Short circuit protection
1
S
MTBF
3500
K hours
Weight
5.2
g
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Tested for 1 minute and 1mA max
3000
VDC
Isolation resistance
Test at 1000VDC
1
GΩ
All dimensions in:mm±0.10mm
Others in ±0.25mm
* Pin not fitted on single output variants.
SIP Package
3.0
2.0
1.0
0
-40
0
50 100
150
Ambient Temperature(°C)
85°C
Safe Operating Area
105
All dimensions in mm ±0.5mm.
Tube length : 520mm
Tube Quantity:15PCS
Unless otherwise stated all dimensions in mm ±0.5mm.
12.00
1.25
2.32
0.50
4.10
12
7
9 10
bottom view
27.50
9.50
2.54
0.50
TPI0505S-2W
YYWW
TOPPOWER
*
TOPPOWER



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com