Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

X9401 Datasheet(PDF) 10 Page - Intersil Corporation

Part # X9401
Description  Low Noise/Low Power/SPI Bus
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9401 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X9401 Datasheet HTML 6Page - Intersil Corporation X9401 Datasheet HTML 7Page - Intersil Corporation X9401 Datasheet HTML 8Page - Intersil Corporation X9401 Datasheet HTML 9Page - Intersil Corporation X9401 Datasheet HTML 10Page - Intersil Corporation X9401 Datasheet HTML 11Page - Intersil Corporation X9401 Datasheet HTML 12Page - Intersil Corporation X9401 Datasheet HTML 13Page - Intersil Corporation X9401 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
FN8190.2
September 23, 2005
Transfer Wiper Counter Register (WCR) to Data Register (DR)
Increment/Decrement Wiper Counter Register (WCR)
Global Transfer Data Register (DR) to Wiper Counter Register (WCR)
Global Transfer Wiper Counter Register (WCR) to Data Register (DR)
Read Status
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
DR and WCR
addresses
CS
Rising
Edge
HIGH-VOLTAGE
WRITE CYCLE
010 100
A
1
A
0
111 0
R
1
R
0
P
1
P
0
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
WCR
addresses
increment/decrement
(sent by master on SDA)
CS
Rising
Edge
010
10
0
A
1
A
0
001
0 X X
P
1
P
0
I/
D
I/
D
...
.
I/
D
I/
D
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
DR
addresses
CS
Rising
Edge
01
010
0
A
1
A
0
000
1
R
1
R
0
00
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
DR
addresses
CS
Rising
Edge
HIGH-VOLTAGE
WRITE CYCLE
010100
A
1
A
0
1000
R
1
R
0
00
CS
Falling
Edge
device type
identifier
device
addresses
instruction
opcode
wiper
addresses
Data Byte
(sent by X9401 on SO)
CS
Rising
Edge
01010
0
A
1
A
0
010100
01000000
0
W
I
P
X9401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com