Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STX2000 Datasheet(PDF) 1 Page - Kycon, Inc.

Part # STX2000
Description  2.5mm Audio Jack
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KYCON [Kycon, Inc.]
Direct Link  http://www.kycon.com/
Logo KYCON - Kycon, Inc.

STX2000 Datasheet(HTML) 1 Page - Kycon, Inc.

  STX2000 Datasheet HTML 1Page - Kycon, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
STX-2000
Dimensions in mm
Phone: +1.408.494.0330 l Fax: +1.408.494.0325 l WWW.KYCON.COM l 2013
Audio Jacks: STX-2000 Series
2.5mm Audio Jack
Product Features
Audio Applications for Computers and Multimedia
Through Hole Design
CSA/NRTL Certified File No. LR78160
Performance Specifications
Materials and Finish
Housing
PBT Thermoplastic, Black Color,
UL94V-0 Rated
Terminals
Copper Alloy, Silver plating over Nickel underplate
Mechanical Characteristics
Insertion Force
0.4kg - 2.0kg
Extraction Force
0.3kg - 2.0kg
Durability
5000 Mating Cycles
Electrical Characteristics
Contact Resistance
Before Durabiliy Test
30 milliohms Max.
After Durability Test
60 milliohms Max.
Insulation Resistance
100 Megohms Min.at 250V DC
Dielectric Withstanding Voltage
250V AC for 1 Minute
Operating Temperature
-25°C to +80°C
3
2
1
Schematic
2-Ø0.8
Ø2.6
5.0
10.0
1.5
3.7
1.7
4.4
5.5
0.25*1.1 (3plc)
Series
STX-2000 - 2.5mm Through Hole Audio Jack
Number of Pins
3 Pins
Threading Option
N - Non-Threaded Barrel
Generated Part Number
Part Number Builder
Series
Number
of Pins
Threading
Option
Contact Kycon for other options
2D Drawing
Check Stock
IGES
Solder Profile
STEP
Request a Sample
CofC RoHS Compliant
CofC REACH Compliant
UL Plastic File
Certificate of Origin
Send Us An Email
3D PDF
LR78160
STX-2000-3N
STX-2000
3
N


Similar Part No. - STX2000

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STX23NM60ND STMICROELECTRONICS-STX23NM60ND_10 Datasheet
820Kb / 18P
N-channel 600 V, 0.150 Ω, 19.5 A, FDmesh??II Power MOSFET (with fast diode) D²PAK, I²PAK, TO-220, TO-220FP, TO-247
06-Oct-2010
logo
Kycon, Inc.
STX2500 KYCON-STX2500 Datasheet
378Kb / 1P
Surface Mount 2.5mm Audio Jack
STX25406 KYCON-STX25406 Datasheet
628Kb / 1P
Surface Mount 2.5mm Audio Jack
STX25427 KYCON-STX25427 Datasheet
551Kb / 1P
Surface Mount 2.5mm Audio Jack
STX2550 KYCON-STX2550 Datasheet
511Kb / 1P
Surface Mount 2.5mm Audio Jack
More results

Similar Description - STX2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MJ-2505 ETC1-MJ-2505 Datasheet
43Kb / 1P
2.5mm AUDIO JACK-MONO
logo
CUI INC
SJ-2504N CUI-SJ-2504N Datasheet
261Kb / 1P
2.5mm AUDIO JACK-STEREO
MJ-2506 CUI-MJ-2506 Datasheet
26Kb / 1P
2.5mm AUDIO JACK-MONO
MJ1-2502 CUI-MJ1-2502 Datasheet
44Kb / 2P
2.5mm AUDIO JACK-MONO
MJ-2506N CUI-MJ-2506N Datasheet
22Kb / 1P
2.5mm AUDIO JACK-MONO
MJ-2502 CUI-MJ-2502 Datasheet
32Kb / 1P
2.5mm AUDIO JACK-MONO
MJ-2505 CUI-MJ-2505 Datasheet
25Kb / 1P
2.5mm AUDIO JACK - MONO
SJ-2509N CUI-SJ-2509N Datasheet
22Kb / 1P
2.5mm AUDIO JACK-STEREO
MJ-2507 CUI-MJ-2507 Datasheet
65Kb / 1P
2.5mm AUDIO JACK-MONO
SJ-2503A CUI-SJ-2503A Datasheet
62Kb / 1P
2.5mm AUDIO Jack-STEREO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com