Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADC081500 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC081500
Description  High Performance, Low Power, 8-Bit, 1.5 GSPS A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC081500 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button ADC081500 Datasheet HTML 17Page - National Semiconductor (TI) ADC081500 Datasheet HTML 18Page - National Semiconductor (TI) ADC081500 Datasheet HTML 19Page - National Semiconductor (TI) ADC081500 Datasheet HTML 20Page - National Semiconductor (TI) ADC081500 Datasheet HTML 21Page - National Semiconductor (TI) ADC081500 Datasheet HTML 22Page - National Semiconductor (TI) ADC081500 Datasheet HTML 23Page - National Semiconductor (TI) ADC081500 Datasheet HTML 24Page - National Semiconductor (TI) ADC081500 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
1.0 Functional Description (Continued)
Input Full-Scale Voltage Adjust
Addr: 3h (0011b)
W only (0x807F)
D15
D14
D13
D12
D11
D10
D9
D8
(MSB)
Adjust Value
D7
D6
D5
D4
D3
D2
D1
D0
(LSB)
111111
1
Bit 15:7
Input Full Scale Voltage Adjust Value. The
input full-scale voltage or gain of the ADC is
adjusted linearly and monotonically with a 9
bit data value. The adjustment range is
±20% of the nominal 700 mV
P-P differential
value.
0000 0000 0
560mV
P-P
1000 0000 0
Default Value
700mV
P-P
1111 1111 1
840mV
P-P
For best performance, it is recommended
that the value in this field be limited to the
range of 0110 0000 0b to 1110 0000 0b. i.e.,
limit the amount of adjustment to ±15%. The
remaining ±5% headroom allows for the
ADC’s own full scale variation. A gain
adjustment
does
not
require
ADC
re-calibration.
POR State: 1000 0000 0b (no adjustment)
Bits 6:0
Must be set to 1b
1.4.1 Note Regarding Extended Mode Offset Correction
When using the Input Offset Adjust register, the following
information should be noted.
For offset values of +0000 0000 and -0000 0000, the actual
offset is not the same. By changing only the sign bit in this
case, an offset step in the digital output code of about 1/10th
of an LSB is experienced. This is shown more clearly in the
Figure below.
1.5 MULTIPLE ADC SYNCHRONIZATION
The ADC081500 has the capability to precisely reset its
sampling clock input to DCLK output relationship as deter-
mined by the user-supplied DCLK_RST pulse. This allows
multiple ADCs in a system to have their DCLK (and data)
outputs transition at the same time with respect to the shared
CLK input that they all use for sampling.
The DCLK_RST signal must observe some timing require-
ments that are shown in Figure 6, Figure 7 and Figure 8 of
the Timing Diagrams. The DCLK_RST pulse must be of a
minimum width and its deassertion edge must observe setup
and hold times with respect to the CLK input rising edge.
These times are specified in the AC Electrical Characteris-
tics Table.
The DCLK_RST signal can be asserted asynchronous to the
input clock. If DCLK_RST is asserted, the DCLK output is
immediately held in a designated state. The state in which
DCLK is held during the reset period is determined by the
mode of operation (SDR/DDR) and the setting of the Output
Edge configuration pin or bit. (Refer to Figure 6, Figure 7 and
Figure 8 for the DCLK reset state conditions). Therefore,
depending upon when the DCLK_RST signal is asserted,
there may be a narrow pulse on the DCLK line during this
reset event. When the DCLK_RST signal is de-asserted in
synchronization with the CLK rising edge, the next CLK
falling edge synchronizes the DCLK output with those of
other ADC081500s in the system. The DCLK output is en-
abled again after a constant delay (relative to the input clock
frequency) which is equal to the CLK input to DCLK output
delay (t
SD). The device always exhibits this delay character-
istic in normal operation.
The DCLK-RST pin should NOT be brought high while the
calibration process is running (while CalRun is high). Doing
so could cause a digital glitch in the digital circuitry, resulting
in corruption and invalidation of the calibration.
2.0 Applications Information
2.1 THE REFERENCE VOLTAGE
The voltage reference for the ADC081500 is derived from a
1.254V bandgap reference, a buffered version of which is
made available at pin 31, V
BG for user convenience and has
an output current capability of ±100 µA. This reference
voltage should be buffered if more current is required.
The internal bandgap-derived reference voltage has a nomi-
nal value of 650 mV or 870 mV, as determined by the FSR
pin and described in Section 1.1.4.
There is no provision for the use of an external reference
voltage, but the full-scale input voltage can be adjusted
through a Configuration Register in the Extended Control
mode, as explained in Section 1.2.
Differential input signals up to the chosen full-scale level will
be digitized to 8 bits. Signal excursions beyond the full-scale
range will be clipped at the output. These large signal excur-
sions will also activate the OR output for the time that the
signal is out of range. See Section 2.2.2.
One extra feature of the V
BG pin is that it can be used to
raise the common mode voltage level of the LVDS outputs.
The output offset voltage (V
OS) is typically 800mV when the
V
BG pin is used as an output or left unconnected. To raise
the LVDS offset voltage to a typical value of 1200mV the V
BG
pin can be connected directly to the supply rails.
2.2 THE ANALOG INPUT
The analog input is a differential one to which the signal
source may be a.c. coupled or d.c. coupled. The full-scale
input range is selected with the FSR pin to be 650 mV
P-P or
870 mV
P-P, or can be adjusted to values between 560 mVP-P
20153130
FIGURE 10. Extended Mode Offset Behaviour
www.national.com
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com