Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

GL602USB Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # GL602USB
Description  USB KEYBOARD MICROCONTROLLER
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GL602USB Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button GL602USB Datasheet HTML 26Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 27Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 28Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 29Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 30Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 31Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 32Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 33Page - List of Unclassifed Manufacturers GL602USB Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
Revision 1.6
-30-
02/28/2000
5.11
Scan Key Matrix
5.12
Turn LED On/Off
To turn LEDs on, the firmware should set corresponding I/O pins (Port 1.5~Port 1.7) to output low. An external
resistor should be added on every LED pins to limit sink current. To turn LEDs off, the firmware should output
high to corresponding I/O pins (Port 1.5~Port 1.7).
S c a n ke y m a trix
S e le c t fro m D R V 1 to
DRV 1 8
(w rite D R V [0 ..4 ] in
DRV S E L )
S e t D R V O E to d riv e
s e le c ted D R V pin to
lo w
R e a d SEN SE re g is te r
if any b it is logic '0 ',
in d ic a te th a t th e
s p e c ific ke y is p re sse d
S e le ct n e xt D R V
pin
No
A ll D R V pins hav e
been s c ann ed ?
S c a n ke y m a trix
co m p le te
Ye s
2 o r m o re b its a re
lo g ic '0 ' in SEN SE
regis te r ?
No
Cle a r DRV O E to
flo a t a ll D R V p in s
S e t DRV O E a n d
IN V D R V to ena ble
all o ther D R V p ins
Ye s
An y s a m e SEN S E
bit is lo gic '0 ' at
oth e r D R V pin ?
G hos t k e y
d e te c ted s c a nned
m a trix in v a lid .
Ye s
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com