Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATS642LSHTN-I2-T Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ATS642LSHTN-I2-T
Description  Two-Wire True Zero Speed Miniature Differential Peak-Detecting Gear Tooth Sensor with Continuous Calibration
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS642LSHTN-I2-T Datasheet(HTML) 4 Page - Allegro MicroSystems

  ATS642LSHTN-I2-T Datasheet HTML 1Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 2Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 3Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 4Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 5Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 6Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 7Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 8Page - Allegro MicroSystems ATS642LSHTN-I2-T Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
ATS642LSH-DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
True Zero Speed Miniature Differential Peak-Detecting Gear Tooth Sensor
ATS642LSH
OPERATING CHARACTERISTICS
(continued) using reference target 60-0, TA and VCC within specification, unless otherwise noted
Characteristic
Symbol
Test Conditions
Min.
Typ.1
Max.
Units
SWITCHPOINT CHARACTERISTICS
Rotation Speed
SROT
Reference Target 60-0
0
8,000
rpm
Analog Signal Bandwidth
BW
Equivalent to f – 3 dB
20
40
kHz
Operate Point
BOP
Transitioning from ICC(High) to ICC(Low); positive peak
referenced; AG < AGMAX
120
mV
Release Point
BRP
Transitioning from ICC(Low) to ICC(High); negative peak
referenced; AG < AGMAX
120
mV
CALIBRATION
Initial Calibration
CI
Quantity of rising output (current) edges required for
accurate edge detection
3
Edge
DAC CHARACTERISTICS
Allowable User-Induced Differential
Offset
Output switching only; may not meet datasheet speci-
fications
±60
G
FUNCTIONAL CHARACTERISTICS6
Operational Air Gap Range7
AG
ΔDC within specification
0.5
2.75
mm
Maximum Operational Air Gap
Range
AGOP(max)
Output switching (no missed edges); ΔDC not
guaranteed
––3
mm
Duty Cycle Variation
ΔDC
Wobble < 0.5 mm; Typical value at AG = 1.5 mm, for
max., min., AG within specification
41
61
%
Duty Cycle Pitch Variance8
EDC
AG = 1.5 mm
±1.5
%
Operating Signal Range9
Sig
Operating within specification
30
1000
G
Minimum Operating Signal
SigOP(min)
Output switching (no missed edges); ΔDC not
guaranteed
20
G
1Typical values are at TA = 25°C and VCC = 12 V. Performance may vary for individual units, within the specified maximum and minimum limits.
2Maximum voltage must be adjusted for power dissipation and junction temperature; see Power Derating section.
3Please refer to Sensor Operation section, page 13.
4Power-On Time includes the time required to complete the internal automatic offset adjust. The DACs are then ready for peak acquisition.
5dI is the difference between 10% of ICC(Low) and 90% of ICC(High), and dt is time period between those two points.
Note: di/dt is dependent upon the value of the bypass capacitor, if one is used.
6Functional characteristics valid only if magnetic offset is within the specified range for Allowable User Induced Differential Offset.
7AG is dependent on the available magnetic field. The available field is dependent on target geometry and material, and should be independently
characterized. The field available from the reference target is given in the reference target parameter section of the datasheet.
8EDC represents the difference between consecutive duty cycles, DC(n) - DC(n-1); Mean ± 3-sigma.
9In order to remain in specification, the magnetic gradient must induce an operating signal greater than the minimum value specified. This includes the
effect of target wobble.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com