Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ATS673 Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # ATS673
Description  Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS673 Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button ATS673 Datasheet HTML 9Page - Allegro MicroSystems ATS673 Datasheet HTML 10Page - Allegro MicroSystems ATS673 Datasheet HTML 11Page - Allegro MicroSystems ATS673 Datasheet HTML 12Page - Allegro MicroSystems ATS673 Datasheet HTML 13Page - Allegro MicroSystems ATS673 Datasheet HTML 14Page - Allegro MicroSystems ATS673 Datasheet HTML 15Page - Allegro MicroSystems ATS673 Datasheet HTML 16Page - Allegro MicroSystems ATS673 Datasheet HTML 17Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
ATS673LSE-DS
Worcester, Massachusetts 01615-0036 (508) 853-5000
115 Northeast Cutoff, Box 15036
www.allegromicro.com
Allegro MicroSystems, Inc.
Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications
ATS673 and ATS674
Switchpoints
Switchpoints in the ATS673 and ATS674 are established dynami-
cally as a percentage of the amplitude of the signal, VPROC, after
normalization with AGC. Two DACs track the peaks of VPROC
(see the Update subsection).
The switching thresholds are established at fixed percentages
of the values held in the two DACs. The value of the thresholds
has been carefully selected, where the signal is steepest and least
affected by air gap variation, thus providing the most accurate
and consistent switching.
The low hysteresis, 10%, provides high performance over vari-
ous air gaps while maintaining immunity to false switching on
noise, vibration, backlash, or other transient events.
Figure 8 graphically demonstrates the establishment of the
switching threshold levels. Because the thresholds are estab-
lished dynamically as a percentage of the peak-to-peak signal,
the effect of a baseline shift is minimized.
0
100
BOP%
V+
Device
State
-LT option
Target
Mechanical
Profile
BRP%
On
Off
On
Off
-HT option
On
Off
On
Off
Figure 8. Switchpoint Relationship to Thresholds.The device switches
when VPROC passes a threshold level, BOP or BRP, while changing in the
corresponding direction: increasing for a BOP switchpoint, and decreasing
for a BRP switchpoint.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com