Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NP2C Datasheet(PDF) 1 Page - Neutrik AG

Part # NP2C
Description  2 pole 1/4" professional phone plug, Nickel housing, Nickel contacts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NP2C Datasheet(HTML) 1 Page - Neutrik AG

  NP2C Datasheet HTML 1Page - Neutrik AG NP2C Datasheet HTML 2Page - Neutrik AG NP2C Datasheet HTML 3Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NP2C
2 pole 1/4" professional phone plug, Nickel housing, Nickel
contacts
Professional phone plug with robust metal shell and chuck type
strain relief.
Features & Benefits
Rugged diecast metal shell
Chuck type strain relief for optimum cable protection
Precision machined one-piece contacts - avoid hook
up of tip contact
Meets all prevailing standards
NP2C
1
/3


Similar Part No. - NP2C

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NP2C-B NEUTRIK-NP2C-B Datasheet
76Kb / 3P
2 pole 1/4" professional phone plug, black metal housing, gold contacts
NP2C-BAG NEUTRIK-NP2C-BAG Datasheet
68Kb / 3P
2 pole 1/4" professional phone plug, black metal housing, Nickel contacts
NP2C-T10AA NEUTRIK-NP2C-T10AA Datasheet
80Kb / 3P
2 pole 1/4" professional phone plug, built-in 1:10 transformer to convert balanced signals (TRS, mic) to unbalanced (TS, guitar) signals, Nickel housing, red bushing
NP2CM-B NEUTRIK-NP2CM-B Datasheet
74Kb / 3P
Mono 1/4" MIL-plug (MIL-P-642/4), black metal housing, brass contacts
NP2CM-R NEUTRIK-NP2CM-R Datasheet
82Kb / 3P
Mono 1/4" MIL-plug (MIL-P-642/4), red metal housing, brass contacts
More results

Similar Description - NP2C

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NP2C-BAG NEUTRIK-NP2C-BAG Datasheet
68Kb / 3P
2 pole 1/4" professional phone plug, black metal housing, Nickel contacts
NP2RX NEUTRIK-NP2RX Datasheet
75Kb / 3P
1/4" professional right-angle phone plug, 2 pole, nickel contacts, nickel shell
NP2X NEUTRIK-NP2X Datasheet
61Kb / 3P
1/4" professional phone plug, 2 pole, nickel contacts, nickel shell
NP2X-BAG NEUTRIK-NP2X-BAG Datasheet
61Kb / 3P
2 pole 1/4" professional phone plug, nickel contacts, black shell
NP3C NEUTRIK-NP3C Datasheet
77Kb / 3P
3 pole 1/4" professional phone plug, Nickel housing, Nickel contacts
NP3C-BAG NEUTRIK-NP3C-BAG Datasheet
122Kb / 3P
3 pole 1/4" professional phone plug, black metal housing, Nickel contacts
NP3RX NEUTRIK-NP3RX Datasheet
75Kb / 3P
3 pole right-angle 1/4" professional phone plug, nickel contacts, nickel shell
NP3RX-BAG NEUTRIK-NP3RX-BAG Datasheet
78Kb / 3P
3 pole 1/4" professional phone plug, nickel contacts, black shell
NP3X NEUTRIK-NP3X Datasheet
62Kb / 3P
3 pole 1/4" professional phone plug, nickel contacts, nickel shell
NP3X-BAG NEUTRIK-NP3X-BAG Datasheet
63Kb / 3P
3 pole 1/4" professional phone plug, nickel contacts, black shell
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com