Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISL60007 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL60007
Description  Precision 1.25V and 2.50V, 1.08u-Watt, High Precision FGA Voltage References
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL60007 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL60007 Datasheet HTML 3Page - Intersil Corporation ISL60007 Datasheet HTML 4Page - Intersil Corporation ISL60007 Datasheet HTML 5Page - Intersil Corporation ISL60007 Datasheet HTML 6Page - Intersil Corporation ISL60007 Datasheet HTML 7Page - Intersil Corporation ISL60007 Datasheet HTML 8Page - Intersil Corporation ISL60007 Datasheet HTML 9Page - Intersil Corporation ISL60007 Datasheet HTML 10Page - Intersil Corporation ISL60007 Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FN8087.1
May 5, 2005
FIGURE 21. LOAD REGULATION vs TEMP
FIGURE 22. LOAD TRANSIENT RESPONSE @ IL=50µA, CL=1nF
FIGURE 23. LOAD TRANSIENT RESPONSE @ IL=7mA,
CL=1nF
FIGURE 24. TURN-ON TIME @ TA = 25°C
FIGURE 25. ZOUT vs f vs CL
FIGURE 26. VOUT NOISE
Typical Performance Curves, 2.5V Reference VIN = 3.0V, IOUT = 0mA, TA = 25°C
Unless Otherwise Specified (Continued)
-0.30
-0.20
-0.10
0.00
0.10
0.20
0.30
-7 -6 -5 -4 -3 -2 -1
0
1
2
3
4
5
6
7
SINKING
SOURCING
OUTPUT CURRENT
+85°C
-40°C
+25°C
100µs/DIV
IL= +50µA
IL= -50µA
500µs/DIV
IL= +7mA
IL= -7mA
0
0.5
1
1.5
2
2.5
3
3.5
0
2
4
6
8
10
12
TIME (ms)
VOUT
VIN
0
20
40
60
80
100
120
140
1
10
100
1000
10000
100000
FREQUENCY (Hz)
NO
1nF LOAD
LOAD
10nF LOAD
100nF LOAD
10s/DIV
ISL60007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com