Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISL90840 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL90840
Description  Low Noise, Low Power I2C Bus, 256 Taps
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL90840 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL90840 Datasheet HTML 1Page - Intersil Corporation ISL90840 Datasheet HTML 2Page - Intersil Corporation ISL90840 Datasheet HTML 3Page - Intersil Corporation ISL90840 Datasheet HTML 4Page - Intersil Corporation ISL90840 Datasheet HTML 5Page - Intersil Corporation ISL90840 Datasheet HTML 6Page - Intersil Corporation ISL90840 Datasheet HTML 7Page - Intersil Corporation ISL90840 Datasheet HTML 8Page - Intersil Corporation ISL90840 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN8086.0
July 27, 2005
Block Diagram
WR3
WR2
WR1
WR0
DCP3
DCP2
DCP1
DCP0
RH3
RW3
RL3
RH2
RW2
RL2
RH1
RW1
RL1
RH0
RW0
RL0
POWER-UP,
INTERFACE,
CONTROL
AND STATUS
LOGIC
I2C INTERFACE
SDA
SCL
A2
A1
A0
GND
VCC
Pin Descriptions
TSSOP PIN
SYMBOL
DESCRIPTION
1
RH3
“High” terminal of DCP3
2
RL3
“Low” terminal of DCP3
3
RW3
“Wiper” terminal of DCP3
4
A2
Device address for the I2C interface
5SCL
I2C interface clock
6
SDA
Serial data I/O for the I2C interface
7
GND
Device ground pin
8
RW2
“Wiper” terminal of DCP2
9
RL2
“Low” terminal of DCP2
10
RH2
“High” terminal of DCP2
11
RW1
“Wiper” terminal of DCP1
12
RL1
“Low” terminal of DCP1
13
RH1
“High” terminal of DCP1
14
A0
Device address for the I2C interface
15
A1
Device address for the I2C interface
16
VCC
Power supply pin
17
D.N.C.
Do not connect
18
RH0
“High” terminal of DCP0
19
RL0
“Low” terminal of DCP0
20
RW0
“Wiper” terminal of DCP0
ISL90840



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com