Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC3997 Datasheet(PDF) 3 Page - Thinki Semiconductor Co., Ltd.

Part # 2SC3997
Description  250 Watt NPN Triple Diffused Planar Silicon Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

2SC3997 Datasheet(HTML) 3 Page - Thinki Semiconductor Co., Ltd.

  2SC3997 Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. 2SC3997 Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. 2SC3997 Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
STYLE 2:
PIN 1. BASE
2. COLLECTOR
3. EMITTER
DIM
A
MIN
MAX
MIN
MAX
INCHES
28.0
29.0
1.102
1.142
MILLIMETERS
B
19.3
20.3
0.760
0.800
C
4.7
5.3
0.185
0.209
D
0.93
1.48
0.037
0.058
E
1.9
2.1
0.075
0.083
F
2.2
2.4
0.087
0.102
G
5.45 BSC
0.215 BSC
H
2.6
3.0
0.102
0.118
J
0.43
0.78
0.017
0.031
K
17.6
18.8
0.693
0.740
L
11.2 REF
0.411 REF
N
4.35 REF
0.172 REF
P
2.2
2.6
0.087
0.102
Q
3.1
3.5
0.122
0.137
R
2.25 REF
0.089 REF
U
6.3 REF
0.248 REF
W
2.8
3.2
0.110
0.125
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
0.25 (0.010) M TB M
J
R
H
N
U
L
P
A
K
C
E
F
D
G
W
2 PL
3 PL
0.25 (0.010) M TB S
12
3
−B−
−T−
Q
TO-3PL
Mechanical Dimensions
2SC3997
© 1995 Thinki Semiconductor Co., Ltd.
http://www.thinkisemi.com.tw/
Page 3/3
Rev.10T
Reverse Bias A S O
ITR06224
Forward Bias A S O
ITR06223
10
5
3
2
5
3
2
5
3
2
1.0
0.1
5
1000
23
100
5
57
7
2
3
IB2= --3A
L=100
µH
Single pulse
Tc=25
°C
PC -- Ta
300
250
200
100
150
50
0
020
60
40
80
100
120
140
160
ITR06225
10
100
5
3
2
1.0
5
3
2
0.1
5
3
2
0.01
5
3
2
7
23
100
57
23
1000
5
35
10
7
IC=20A
ICP=40A
DC
operation
10ms
P
C =250W
Tc=25
°C
Single pulse
Collector-to-Emitter Voltage, VCE – V
Collector-to-Emitter Sustain Voltage, VCEX (SUS) – V
Ambient Temperature, Ta –˚C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com