Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DSC2210FL2-A0026 Datasheet(PDF) 2 Page - Microchip Technology

Part # DSC2210FL2-A0026
Description  Crystal-less??Configurable Clock Generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC2210FL2-A0026 Datasheet(HTML) 2 Page - Microchip Technology

  DSC2210FL2-A0026 Datasheet HTML 1Page - Microchip Technology DSC2210FL2-A0026 Datasheet HTML 2Page - Microchip Technology DSC2210FL2-A0026 Datasheet HTML 3Page - Microchip Technology DSC2210FL2-A0026 Datasheet HTML 4Page - Microchip Technology DSC2210FL2-A0026 Datasheet HTML 5Page - Microchip Technology DSC2210FL2-A0026 Datasheet HTML 6Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Microchip Technology Inc.
DSC2210FL2-A0026
Ordering Information
Ordering Part Number
Industrial Temperature Range
Shipping
Package
DSC2210FL2-A0026
-40°C to +105°C
Tube
14-pin 3.2mm x 2.5mm QFN
DSC2210FL2-A0026T
-40°C to +105°C
Tape and Reel
14-pin 3.2mm x 2.5mm QFN
Devices are Green and RoHS compliant. Sample material may have only a partial top mark.
Pin Configuration
14-pin 3.2mm x 2.5mm QFN
OE
NC
SCLK
GND
NC
NC
NC
CLK1
Pin Description
Pin Number
Pin Name
Pin Type
Pin Function
1
OE
I
Enables outputs when high and disables outputs when low
2
NC
Leave unconnected or connect to ground
3
SCLK
I
SPI serial clock from master to slave
4
GND
PWR
Ground
5
MOSI
SPI serial data from master to slave
6
MISO
O
SPI serial data from slave to master
7
SS_bar
SPI slave select (active low)
8
CLK1
O
LVCMOS output
9
NC
Leave unconnected or connect to ground
10
NC
Leave unconnected or connect to ground
11
NC
Leave unconnected or connect to ground
12, 13
VDD2, VDD
PWR
Power supply
14
FS
I
Frequency select pin, see Table 2 for details
November 22, 2019
2
Revision 1.0
tcghelp@microchip.com
2975



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com