Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NBTC75BNN5 Datasheet(PDF) 2 Page - Neutrik AG

Part # NBTC75BNN5
Description  The rearTWIST HD Tiny BNC cable connector is optimized for small cable diameters.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NBTC75BNN5 Datasheet(HTML) 2 Page - Neutrik AG

  NBTC75BNN5 Datasheet HTML 1Page - Neutrik AG NBTC75BNN5 Datasheet HTML 2Page - Neutrik AG NBTC75BNN5 Datasheet HTML 3Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Information
Product
Title
NBTC75BNN5
Connection Type
BNC 75 Ω
Gender
male
Electrical
Contact resistance
≤ 3 mΩ (inner)
Contact resistance
≤ 2 mΩ (outer)
Dielectric strength
0,75 kVdc
Impedance
75 Ω
Insulation resistance
> 5 GΩ
Rated voltage
<50 V
VSWR
≤1.10/>26 dB up to 1 GHz
≤1.14/>24 dB up to 2 GHz
≤1.22/>20 dB up to 3 Ghz
Mechanical
Cable O.D.
3.1 mm
Cable retention
> 30 N (Center)
Crimp size
4,53 Hex crimp (shield) acc. IEC 60803 (die designation C)
Crimp size (pin)
1,6 Square crimp (pin) acc. IEC 60803 (die designation 2)
Insertion force
< 25 N
Lifetime
> 1000 mating cycles
Wiresize
Locking device
Bayonett
Cable anchoring
Jacket crimping
NBTC75BNN5
2
/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com