Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

2SC1654 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 2SC1654
Description  Silicon Epitaxial Planar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

2SC1654 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  2SC1654 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 2SC1654 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Silicon Epitaxial Planar Transistor
2SC1654
FEATURES
High DC current gain:hFE=130(Typ)
(VCE=3V,IC=15mA).
High voltage.
APPLICATIONS
Audio frequency general purpose amplifier applications.
SOT-23
ORDERING INFORMATION
Type No.
Marking
Package Code
2SC1654
N5/N6/N7
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
180
V
VCEO
Collector-Emitter Voltage
160
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
50
mA
PC
Collector Dissipation
150
mW
Tj,Tstg
Junction and Storage Temperature
-55 to +150
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=100μA,IE=0
180
V
Collector-emitter breakdown
voltage
V(BR)CEO
IC=1mA,IB=0
160
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA,IC=0
5
V
Collector cut-off current
ICBO
VCB=130V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
μA
DC current gain
hFE
VCE=3V,IC=15mA
VCE=3V,IC=1mA
90
70
200
180
400
Collector-emitter saturation
voltage
VCE(sat)
IC=50mA, IB=5mA
0.1
0.3
V
Base-emitter saturation voltage
VBE(sat)
IC=50mA, IB=5mA
0.73
1
V
Transition frequency
fT
VCE=10V, IE=- 10mA
120
MHz
Output capacitance
Cob
VCB=10V, IE=0,f=1MHz
2.3
pF
CLASSIFICATION OF hFE(1)
Range
90-180
135-270
200-400
Marking
N5
N6
N7
SOT-23
Dim
Min
Max
A
2.70
3.10
B
1.10
1.50
C
1.0 Typical
D
0.4 Typical
E
0.35
0.48
G
1.80
2.00
H
0.02
0.1
J
0.1 Typical
K
2.20
2.60
All Dimensions in mm
A
B
C
D
E
J
H
K
G
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1


Similar Part No. - 2SC1654

ManufacturerPart #DatasheetDescription
logo
NEC
2SC1654 NEC-2SC1654 Datasheet
163Kb / 4P
DISPLAY TUBE DRIVE ,HIGH VOLTAGE SWITCHING NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
logo
Galaxy Semi-Conductor H...
2SC1654 BILIN-2SC1654 Datasheet
303Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
logo
Guangdong Kexin Industr...
2SC1654 KEXIN-2SC1654 Datasheet
169Kb / 3P
NPN Silicon Epitaxial Transistor
logo
SeCoS Halbleitertechnol...
2SC1654 SECOS-2SC1654 Datasheet
439Kb / 3P
NPN Epitaxial Planar Transistor
logo
Shenzhen Jin Yu Semicon...
2SC1654 HTSEMI-2SC1654 Datasheet
458Kb / 1P
TRANSISTOR(NPN)
More results

Similar Description - 2SC1654

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT4403 CDIL-CMBT4403 Datasheet
132Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SA1037 BILIN-2SA1037 Datasheet
310Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SC3356W BILIN-2SC3356W Datasheet
164Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SC4081W BILIN-2SC4081W Datasheet
217Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SC4097W BILIN-2SC4097W Datasheet
133Kb / 3P
Silicon Epitaxial Planar Transistor
Rev.A
2SC4177W BILIN-2SC4177W Datasheet
271Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
2SD596 BILIN-2SD596 Datasheet
264Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
KTA1298 BILIN-KTA1298 Datasheet
216Kb / 4P
Silicon Epitaxial Planar Transistor
SS8050W BILIN-SS8050W Datasheet
160Kb / 4P
Silicon Epitaxial Planar Transistor
STD123 BILIN-STD123 Datasheet
268Kb / 4P
Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com