Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

KTC4075 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # KTC4075
Description  NPN Silicon Epitaxial Planar Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

KTC4075 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  KTC4075 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd KTC4075 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NPN Silicon Epitaxial Planar Transistor
KTC4075
FEATURES
High and excellent DC current gain.
Complementary to KTA2014.
Small package.
APPLICATIONS
General purpose application.
Switching application.
ORDERING INFORMATION
Type No.
Marking
Package Code
KTC4075
LO/LY/LGR/LBL
SOT-23
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
60
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
150
mA
IB
Base Current
30
mA
PC
Collector Power Dissipation
100
mW
Tj,Tstg
Junction and Storage Temperature
-55 to +150
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70701-P1
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=100μA,IE=0
60
V
Collector-emitter breakdown voltage V(BR)CEO
IC=1mA,IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100μA,IC=0
5
V
Collector cut-off current
ICBO
VCB=60V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=5V,IC=0
0.1
μA
DC current gain
hFE
VCE=6V,IC=2mA
70
700
Collector-emitter saturation voltage
VCE(sat)
IC=100mA, IB=10mA
0.1
0.25
V
Transition frequency
fT
VCE=10V, IC= 1mA
80
MHz
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHz
2.0
3.5
pF
Noise Figure
NF
VCE=6V,IC=0.1mA,
f=1kHz,Rg=10kΩ
1.0
10
dB
CLASSIFICATION OF hFE
Rank
O
Y
GR
BL
Range
70-140
120-240
200-400
350-700
SOT-23
Dim
Min
Max
A
2.70
3.10
B
1.10
1.50
C
1.0 Typical
D
0.4 Typical
E
0.35
0.48
G
1.80
2.00
H
0.02
0.1
J
0.1 Typical
K
2.20
2.60
All Dimensions in mm
A
B
C
D
E
J
H
K
G


Similar Part No. - KTC4075

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC4075 KEC-KTC4075 Datasheet
399Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Jiangsu Changjiang Elec...
KTC4075 JIANGSU-KTC4075 Datasheet
131Kb / 2P
TRANSISTOR竊뉿PN 竊
KTC4075 JIANGSU-KTC4075 Datasheet
182Kb / 3P
TRANSISTOR (NPN)
logo
Galaxy Semi-Conductor H...
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
logo
Shenzhen Jin Yu Semicon...
KTC4075 HTSEMI-KTC4075 Datasheet
907Kb / 3P
TRANSISTOR (NPN)
More results

Similar Description - KTC4075

ManufacturerPart #DatasheetDescription
logo
AUK corp
SUR519J AUK-SUR519J Datasheet
226Kb / 3P
Epitaxial planar NPN silicon transistor
SUR523H AUK-SUR523H Datasheet
227Kb / 3P
Epitaxial planar NPN silicon transistor
SUR538J AUK-SUR538J Datasheet
236Kb / 3P
Epitaxial planar NPN silicon transistor
SUT562EF AUK-SUT562EF Datasheet
236Kb / 4P
Epitaxial planar NPN silicon transistor
logo
Continental Device Indi...
CSC3930 CDIL-CSC3930 Datasheet
107Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SD1060 UTC-2SD1060 Datasheet
134Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
GTM CORPORATION
GJSD1802 GTM-GJSD1802 Datasheet
491Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
2SC4226W BILIN-2SC4226W Datasheet
178Kb / 4P
NPN Silicon Epitaxial Planar Transistor
Rev.A
KTC3879 BILIN-KTC3879 Datasheet
222Kb / 4P
NPN Silicon Epitaxial Planar Transistor
KTC4075 BILIN-KTC4075 Datasheet
233Kb / 4P
NPN Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com