Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SMH4046 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SMH4046
Description  Hot-Swap, Active DC Output Control (ADOCTM) Power Manager with I2C lnterface
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SMH4046 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SMH4046 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMH4046 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMH4046 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMH4046 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMH4046 Datasheet HTML 7Page - List of Unclassifed Manufacturers SMH4046 Datasheet HTML 8Page - List of Unclassifed Manufacturers SMH4046 Datasheet HTML 9Page - List of Unclassifed Manufacturers SMH4046 Datasheet HTML 10Page - List of Unclassifed Manufacturers SMH4046 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
SMH4046
Preliminary Information
Summit Microelectronics, Inc
2082 1.7 08/23/04
7
Symbol
Pin
Type
Description
CARD_12V
39
I
12V card side supply input. This input is monitored for power integrity. If it falls
below the 12V sense threshold, the CARD_V_VLD signal is de-asserted.
VCC12
40
I
Bus-side 12V input
VCC5V (VDD)
41
PWR
This pin supplies power to the SMH4046 and is monitored for power integrity.
FPGA_NSTS
42
I
FPGA configuration status input pin
FPGA_CFGD
ONE
43
I
FPGA_CFGDONE indicates completion of the configuration process.
FPGA_NCFG
44
O
FPGA_NCFG is a configuration control output. A low transition resets the target
device; a low-to-high transition begins configuration.
FPGA_DO
45
O
FPGA_DO provides preamble and configuration data to downstream devices in a
daisy-chain.
FPGA_DCLK
46
O
FPGA Configuration clock output. Clock output used to clock configuration data
using pin FPGA_DO.
NC
47
NC
No Connect
SDA
48
I/O
The bidirectional I
2C serial data line.
PIN DESCRIPTIONS (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com