Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M41T62 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M41T62
Description  Low-power serial real-time clocks (RTCs) with alarm
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M41T62 Datasheet HTML 4Page - STMicroelectronics M41T62 Datasheet HTML 5Page - STMicroelectronics M41T62 Datasheet HTML 6Page - STMicroelectronics M41T62 Datasheet HTML 7Page - STMicroelectronics M41T62 Datasheet HTML 8Page - STMicroelectronics M41T62 Datasheet HTML 9Page - STMicroelectronics M41T62 Datasheet HTML 10Page - STMicroelectronics M41T62 Datasheet HTML 11Page - STMicroelectronics M41T62 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
2.1.5
Acknowledge
Each byte of eight bits is followed by one acknowledge bit. This acknowledge bit is a low level put on the bus by
the receiver whereas the master generates an extra acknowledge related clock pulse. A slave receiver which is
addressed is obliged to generate an acknowledge after the reception of each byte that has been clocked out of
the slave transmitter.
The device that acknowledges has to pull down the SDA line during the acknowledge clock pulse in such a way
that the SDA line is a stable Low during the high period of the acknowledge related clock pulse. Of course, setup
and hold times must be taken into account. A master receiver must signal an end of data to the slave transmitter
by not generating an acknowledge on the last byte that has been clocked out of the slave. In this case the
transmitter must leave the data line high to enable the master to generate the STOP condition.
Figure 11. Serial bus data transfer sequence
DATA
CLOCK
DATA LINE
STABLE
DATA VALID
START
CONDITION
CHANGE OF
DATA ALLOWED
STOP
CONDITION
Figure 12. Acknowledgement sequence
DATA OUTPUT
BY RECEIVER
DATA OUTPUT
BY TRANSMITTER
SCL FROM
MASTER
START
CLOCK PULSE FOR
ACKNOWLEDGEMENT
1
2
8
9
MSB
LSB
2.2
READ mode
In this mode the master reads the M41T6x slave after setting the slave address (see Figure 14. READ mode
sequence). Following the WRITE mode control bit (R/W̅=0) and the acknowledge bit, the word address 'An' is
written to the on-chip address pointer. Next the START condition and slave address are repeated followed by the
READ mode control bit (R/W̅=1). At this point the master transmitter becomes the master receiver. The data byte,
which was addressed is transmitted and the master receiver sends an acknowledge bit to the slave transmitter.
The address pointer is only incremented on reception of an acknowledge clock. The M41T6x slave transmitter
now places the data byte at address An+1 on the bus, the master receiver reads and acknowledges the new byte
and the address pointer is incremented to “An+2.”
This cycle of reading consecutive addresses continues until the master receiver sends a STOP condition to the
slave transmitter.
M41T62, M41T64, M41T65
READ mode
DS3840 - Rev 24
page 8/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com