Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RM0016 Datasheet(PDF) 1 Page - STMicroelectronics

Part # RM0016
Description  STM8S Series and STM8AF Series 8-bit microcontrollers
PDF  467 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RM0016 Datasheet(HTML) 1 Page - STMicroelectronics

  RM0016 Datasheet HTML 1Page - STMicroelectronics RM0016 Datasheet HTML 2Page - STMicroelectronics RM0016 Datasheet HTML 3Page - STMicroelectronics RM0016 Datasheet HTML 4Page - STMicroelectronics RM0016 Datasheet HTML 5Page - STMicroelectronics RM0016 Datasheet HTML 6Page - STMicroelectronics RM0016 Datasheet HTML 7Page - STMicroelectronics RM0016 Datasheet HTML 8Page - STMicroelectronics RM0016 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 467 page
background image
October 2017
DocID14587 Rev 14
1/467
1
RM0016
Reference manual
STM8S Series and STM8AF Series 8-bit microcontrollers
Introduction
This reference manual provides complete information for application developers on how to
use STM8S Series and STM8AF Series microcontroller memory and peripherals.
The STM8AF Series of microcontrollers is designed for automotive applications, with
different memory densities, packages and peripherals:
• The low-density STM8AF devices are the STM8AF6223/26 with 8 Kbytes of Flash
memory.
• The medium-density STM8AF devices are the STM8AF624x and STM8AF6266/68
microcontrollers with 16 to 32 Kbytes of Flash memory.
• The high-density STM8AF devices are the STM8AF52xx and STM8AF6269/8x/Ax
microcontrollers with 32 to 128 Kbytes of Flash memory.
The STM8S Series of microcontrollers is designed for general purpose applications, with
different memory densities, packages and peripherals.
• The value-line low-density STM8S devices are the STM8S001xx/STM8S003xx
microcontrollers with 8 Kbytes of Flash memory.
• The value-line medium-density STM8S devices are the STM8S005xx microcontrollers
with 32 Kbytes of Flash memory.
• The value-line high-density STM8S devices are the STM8S007xx microcontrollers with
64 Kbytes of Flash memory.
• The access-line low-density STM8S devices are the STM8S103xx and STM8S903xx
microcontrollers with 8 Kbytes of Flash memory.
• The access-line medium-density STM8S devices are the STM8S105xx microcontrollers
with 16 to 32 Kbytes of Flash memory.
• The performance-line high-density STM8S devices are the STM8S207xx and
STM8S208xx microcontrollers with 32 to 128 Kbytes of Flash memory.
Refer to the product datasheet for ordering information, pin description, mechanical and
electrical device characteristics, and for the complete list of available peripherals.
Reference documents
• For information on programming, erasing and protection of the internal Flash memory
please refer to the STM8S Series and STM8AF Series Flash programming manual
(PM0051), and to the STM8 SWIM communication protocol and debug module user
manual (UM0470).
• For information on the STM8 core, refer to STM8 CPU programming manual (PM0044).
• The bootloader user manual (UM0560) describes the usage of the integrated ROM
bootloader.
www.st.com


Similar Part No. - RM0016

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RM0017 STMICROELECTRONICS-RM0017 Datasheet
6Mb / 904P
The SPC560Bx and SPC560Cx is a new family
17-Sep-2013
More results

Similar Description - RM0016

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
8-Bit Microcontrollers
logo
ELAN Microelectronics C...
EM78P5840N EMC-EM78P5840N Datasheet
807Kb / 68P
8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC68HC11EA9 FREESCALE-MC68HC11EA9 Datasheet
1Mb / 58P
8-Bit Microcontrollers
logo
Zilog, Inc.
Z51F0410 ZILOG-Z51F0410 Datasheet
1Mb / 184P
Z8051 Series 8-Bit Microcontrollers
Z51F3220FNX ZILOG-Z51F3220FNX Datasheet
2Mb / 312P
Z8051 Series 8-Bit Microcontrollers
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
8-bit Microcontrollers
logo
Freescale Semiconductor...
MC9RS08KA2FS FREESCALE-MC9RS08KA2FS Datasheet
185Kb / 2P
8-bit Microcontrollers
logo
STMicroelectronics
AN3208 STMICROELECTRONICS-AN3208 Datasheet
289Kb / 19P
Microstepping motor drive with STM8A and STM8S microcontrollers
06-Jul-2010
logo
fujitsu semiconductor
MB95F352EPF-G-SNE2 FUJITSU-MB95F352EPF-G-SNE2 Datasheet
116Kb / 2P
8-bit Microcontrollers MB95350L Series
MB95F354EPF-G-SNE2 FUJITSU-MB95F354EPF-G-SNE2 Datasheet
116Kb / 2P
8-bit Microcontrollers MB95350L Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com