Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STM32F469 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM32F469
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F469 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM32F469 Datasheet HTML 25Page - STMicroelectronics STM32F469 Datasheet HTML 26Page - STMicroelectronics STM32F469 Datasheet HTML 27Page - STMicroelectronics STM32F469 Datasheet HTML 28Page - STMicroelectronics STM32F469 Datasheet HTML 29Page - STMicroelectronics STM32F469 Datasheet HTML 30Page - STMicroelectronics STM32F469 Datasheet HTML 31Page - STMicroelectronics STM32F469 Datasheet HTML 32Page - STMicroelectronics STM32F469 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 91 page
background image
DocID029237 Rev 2
29/91
AN4861
LCD-TFT (LTDC) display controller description
89
3.4
Interrupts
The LTDC peripheral supports two global interrupts:
LTDC global interrupt.
LTDC global error interrupt.
Each global interrupt is connected to two LTDC interrupts (logically disjointed) that can be
masked separately through a specific register. Table 7 summarizes all of the related
interrupts and all the particular cases when each interrupt is generated.
3.5
Low-power modes
The STM32 power state has a direct effect on the LTDC peripheral. While in sleep mode,
the LTDC is not affected and it keeps driving graphical data to the screen. While in the
standby and the stop mode, the LTDC is disabled and no output is driven through its parallel
interface. Exiting the standby mode should be followed with the LTDC reconfiguration.
It is possible to drive a display panel in sleep mode while the CPU is stopped thanks to the
smart architecture embedded in the STM32 microcontrollers which allows all the peripherals
to be enabled even in sleep mode. This feature fits wearable applications where the low-
power consumption is a must.
The LTDC as an AHB master may continue fetching data from FMC_SDRAM or Quad-SPI
(when the memory-mapped mode is used) even after entering the MCU in SLEEP mode. A
line event or register reload interrupt can be generated to wake up the STM32 when a
defined line on the screen is reached or when the shadow reload occurs.
More information on reducing power consumption is available on Section 5.
Table 8 summarizes the LTDC's state versus the STM32's low-power modes.
Table 7. LTDC interrupts summary
Related
NVIC
interrupt
Interrupt
event
Event flag bit
(LTDC_ISR
register)
Enable bit
(LTDC_IER
register)
Clear bit
(LTDC_ICR
register)
Description
LTDC
GLOBAL
INTERRUPT
Line
LIF
LIE
CLIF
Generated when a
defined line on the
screen is reached
Register
reload
RRIF
RRIE
CRRIF
Generated when the
shadow reload
occurs
LTDC
GLOBAL
ERROR
INTERRUPT
FIFO
underrun(1)
1. FIFO underrun interrupt is useful for determining the display size compatibility (see Section 4.2.2:
Checking display compatibility considering the memory bandwidth requirements).
FUIF
FUIE
CFUIF
Generated when a
pixel is requested
while the FIFO is
empty
Transfer
error
TERRIF
TERRIE
CTERRIF
Generated when bus
error occurs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com