Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SR920SW Datasheet(PDF) 1 Page - Maxwell Technologies

Part # SR920SW
Description  Zinc Silver Oxide Batteries
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

SR920SW Datasheet(HTML) 1 Page - Maxwell Technologies

  SR920SW Datasheet HTML 1Page - Maxwell Technologies SR920SW Datasheet HTML 2Page - Maxwell Technologies SR920SW Datasheet HTML 3Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
* Nominal capacity indicates duration until the voltage drops down to 1.2V when discharged at a nominal discharge current at 20 deg. C.
Hitachi Maxell, Ltd.
2-18-2, Iidabashi, Chiyoda-ku, Tokyo 102-8521, Japan
http://www.maxell.com
• Data and dimensions are just reference values. For further details,
please contact us at your nearest Maxell office.
• Contents on this website are subject to change without notice.
Date of issue: May, 2004
Data Sheet
Model
SR920SW
System
Zinc-Silver oxide/Alkaline Electrolyte
Nominal Voltage (V)
1.55
Nominal Capacity (mAh)*
39
Nominal Discharge Current ( A)
50
Temperature Ranges (deg. C)
min.
max.
Operating
–10
+60
Weight (g)
0.6
Dimensions (mm)
Diameter
9.5
Height
2.05
Characteristics
SR920SW
Zinc Silver Oxide Batteries
9.5
2.05
(–)
(+)
Discharge Characteristics
Pulse Discharge Characteristics
Temperature Characteristics
0
0.8
1.2
1.6
200
400
600
Temperature: 20 deg. C
22k
8.2k
Discharge duration (h)
0
0.8
1.2
1.6
200
400
Discharge duration (h)
600
22 k continuous (20 deg. C)
2 k 5 sec. (–10 deg. C)
1
0.8
1.2
1.6
2
5
10
Load resistance (k )
20
20 deg. C
–10 deg. C


Similar Part No. - SR920SW

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
SR920W SII-SR920W Datasheet
598Kb / 2P
42 mAh Mercury Free
More results

Similar Description - SR920SW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SR626W ETC1-SR626W Datasheet
135Kb / 3P
Zinc Silver Oxide Batteries
logo
Energizer
357 ENERGIZER-357 Datasheet
73Kb / 1P
Silver Oxide Batteries
364 ENERGIZER-364 Datasheet
217Kb / 1P
Silver Oxide Batteries
377 ENERGIZER-377 Datasheet
214Kb / 1P
Silver Oxide Batteries
386 ENERGIZER-386 Datasheet
533Kb / 1P
Silver Oxide Batteries
390 ENERGIZER-390 Datasheet
532Kb / 1P
Silver Oxide Batteries
392 ENERGIZER-392 Datasheet
197Kb / 1P
Silver Oxide Batteries
393 ENERGIZER-393 Datasheet
332Kb / 1P
Silver Oxide Batteries
397 ENERGIZER-397 Datasheet
534Kb / 1P
Silver Oxide Batteries
logo
Murata Manufacturing Co...
SR41 MURATA1-SR41 Datasheet
455Kb / 2P
Silver oxide batteries
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com