Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TCPP01-M12 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TCPP01-M12
Description  USB type-C port protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TCPP01-M12 Datasheet(HTML) 2 Page - STMicroelectronics

  TCPP01-M12 Datasheet HTML 1Page - STMicroelectronics TCPP01-M12 Datasheet HTML 2Page - STMicroelectronics TCPP01-M12 Datasheet HTML 3Page - STMicroelectronics TCPP01-M12 Datasheet HTML 4Page - STMicroelectronics TCPP01-M12 Datasheet HTML 5Page - STMicroelectronics TCPP01-M12 Datasheet HTML 6Page - STMicroelectronics TCPP01-M12 Datasheet HTML 7Page - STMicroelectronics TCPP01-M12 Datasheet HTML 8Page - STMicroelectronics TCPP01-M12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
1
Pinout and functions
Figure 1. QFN12 pinout (top view)
CC2
GND
CC1
CC1c
IN_GD
CC2c
1
2
3
6
5
4
9
8
7
10
11
12
13
Exposed pad
(GND)
Table 1. Pinout and functions
Name
Pin #
Type
Description
CC2
1
Input / Output USB-PD controller side for the CC2 pin
GND
2
Ground
Ground
CC1
3
Input / Output USB-PD controller side for the CC1 pin
SOURCE
4
Power
VBUS N-channel MOSFET's SOURCE
GATE
5
Output
VBUS N-channel MOSFET's GATE
VBUS_CTRL
6
Input
Input voltage setting the VBUS OVP threshold by external resistor bridge
CC1c
7
Input / Output Connector side for CC1 OVP internal FET
IN_GD
8
Power
VBUS N-channel MOSFET's DRAIN, input of the N-channel MOSFET gate driver
CC2c
9
Input / Output Connector side for CC2 OVP internal FET
DB/
10
Input
Dead battery resistors management
FLT/
11
Output
Fault reporting flag (open-drain), triggered by either OVP (overvoltage protection), OTP
(overtemperature protection), or UVLO (undervoltage lockout) event.
VCC
12
Input
3.3 V power supply
Exposed pad
13
Ground
Ground
TCPP01-M12
Pinout and functions
DS12900 - Rev 1
page 2/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com