Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T1024 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # T1024
Description  Communications Processors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

T1024 Datasheet(HTML) 2 Page - NXP Semiconductors

  T1024 Datasheet HTML 1Page - NXP Semiconductors T1024 Datasheet HTML 2Page - NXP Semiconductors T1024 Datasheet HTML 3Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 Professional services and support
– Commercial services
– Linux SDK support package
– Reference design software (RDS)
support package
 Third-party software and tools
– Enea, Green Hills, Mentor Graphics
and Wind River
Not on T1014
CoreNet Coherency Fabric
Security Fuse Processor
Security Monitor
16-bit IFC
4-Lane 10 GHz SerDes
Power Architecture®
e5500
256 KB
Backside
L2 Cache
32 KB
D-Cache
32 KB
I-Cache
256 KB
Platform Cache
PAMU
PAMU
PAMU
Peripheral
Access
Mgmt. Unit
PAMU
Core Complex (CPU, L2, L3 Cache)
Basic Peripherals and Interconnect
Accelerators and Memory Control
Networking Elements
Power Management
32/64-bit
DDR3L/4
Memory Controller
Queue
Mgr.
Buffer
Mgr.
SDXC/eMMC
2x DUART
4x I2C
SPI, GPIO
2x USB 2.0 w/PHY
DIU
Parse, Classify, Distribute
2x DMA
QorIQ T1014 and T1024 Communications Processors Block Diagram
QUICC
Engine
Real-Time Debug
Watchpoint
Cross Trigger
Perf.
Monitor
Trace
1GbE 1GbE
1GbE
10GbE
Security 5.x
(XoR CRC)
QORIQ T1014 AND T1024 COMMUNICATIONS PROCESSOR
QorIQ P1020 AND T102X PROCESSORS COMPARISON TABLE
P1020/11
T1023/13
T1024/14
T1042
Core
1-2 x e500v2
1-2 x e5500
1-2 x e5500
4 x e5500
Power ISA
32-bit
64-bit
64-bit
64-bit
Max MHz
800
1400
1400
1400
L2 Backside Cache
256 KB
256 KB
256 KB
Platform Cache
256 KB
256 KB
256 KB
256 KB
DDR Type and Speed
2/3 1333MTs
3L/4 1600MTs
3L/4 1600MTs
3L/4 1600MTs
DDR Speed
to 1333MTs
to 1600MTs
to 1600MTs
to 1600MTs
DDR Width
36 b
36 b
36 b/72 b
36 b/72 b
SerDes
4
4
4
8
PCIe Lanes
2 x 1 v1
3 x 1 v2
3 x 1 v2
4 x 1 v2
GbE
up to 3
up to 4
up to 4
up to 5
10GbE I/O
1
1
-
MACSEC
All ports
All ports
All ports
Hardware Offload
DPAA
DPAA
DPAA
Crypto
SEC 3.x
SEC 5.x
SEC 5.x
SEC 5.x
Pattern Matching
Yes
QUICC Engine TDM/
HDLC, ISDN, Industrial
Yes
Yes
Yes
SATA
2.0 x 1
2.0 x 1
2.0 x 2
USB
2.0 x 2
2.0 x 2 w Phy
2.0 x 2 w Phy
2.0 x 2 w Phy
Lossless Deep Sleep
Yes
Yes
Auto Response
Yes
Yes
Display Interface
-
Yes
Yes
Single Clock Source
Yes
Yes
Yes
Package
31 x 31 PBGA
19 x 19 FCBGA
23 x 23 FCBGA
23 x 23 FCBGA
Pin Compatible
No
No
Yes
Yes



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com