Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L6258EP Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6258EP
Description  PWM CONTROLLED - HIGH CURRENT DMOS UNIVERSAL MOTOR DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6258EP Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6258EP Datasheet HTML 11Page - STMicroelectronics L6258EP Datasheet HTML 12Page - STMicroelectronics L6258EP Datasheet HTML 13Page - STMicroelectronics L6258EP Datasheet HTML 14Page - STMicroelectronics L6258EP Datasheet HTML 15Page - STMicroelectronics L6258EP Datasheet HTML 16Page - STMicroelectronics L6258EP Datasheet HTML 17Page - STMicroelectronics L6258EP Datasheet HTML 18Page - STMicroelectronics L6258EP Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
15/22
L6258EP
We can see that the effect of the load pole is cancelled by the zero of the Bx block ; the total Aloop cross a the
0dB axis with a slope of -20dB/decade, having in this way a stable system with an high gain at low frequency
and a bandwidth of around 8KHz.
To increase the bandwidth of the system, we should increase the gain of the Bx block, keeping the zero in the
same position. In this way the result is a shift of the total Aloop transfer function up to a greater value.
4.5 Effect of the Bemf of the stepper motor on the current control loop stability
In order to evaluate what is the effect of the Bemf voltage of the stepper motor we have to look at the load block:
Figure 10.
The schematic now shows the equivalent circuit of the stepper motor including a sine wave voltage generator
of the Bemf. The Bemf voltage of the motor is not constant, its value changes depending on the speed of the
motor.
Increasing the motor speed the Bemf voltage increases :
Bemf = Kt ·
ω
where:
Kt is the motor constant
ω is the motor speed in radiant per second
The formula defining the gain of the load considering the Bemf of the stepper motor becomes:
we can see that the Bemf influences only the gain of the load block and does not introduce any other additional
pole or zero, so from the stability point of view the effect of the Bemf of the motor is not critical because the
phase margin remains the same.
Practically the only effect of the Bemf is to limit the gain of the total Aloop with a consequent variation of the
bandwidth of the system.
OUT+
Bemf
R
L
L
L
OUT-
R
S
to Sense
Amplifier
ACload
Vsense
Vout
----------------------
V
S
Bemf
()
R
S
R
L
R
S
+
---------------------
V
S
-----------------------------------------------------------
==
Acload
V
S
Bemf
V
S
----------------------------
R
S
R
L
R
S
+
---------------------
=
ACload
dB
20
V
S
Bemf
V
S
----------------------------
R
S
R
L
R
S
+
---------------------
⎝⎠
⎜⎟
⎛⎞
log
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com