Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NHFS3B Datasheet(PDF) 1 Page - Littelfuse

Part # NHFS3B
Description  NH Fuse Links
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

NHFS3B Datasheet(HTML) 1 Page - Littelfuse

  NHFS3B Datasheet HTML 1Page - Littelfuse NHFS3B Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
158
All NH fuse links incorporate a blown fuse indicator.
NH Fuse Links
Littelfuse European style NH fuse links are designed for the protection of conduc-
tors and motors. The gL-gG characteristic fuse links are generally used to protect
cables and installation lines from overload and short circuits. The aM characteristic
fuse links are used for the short circuit protection of motors and switchgear. They
are available in NH00C to NH3 sizes up to 630 amperes.
SPECIFICATIONS
Standards: DIN 43.620, IEC 269-2-1
Approvals: VDE
Example part number: NH1CG25 (size, characteristic and amperage)
Size
00C
00
0
1C
1
2C
2
3C
3
Current
Range
2A up to 100A
2A up to 160A
6A up to 160A
25A up to 160A
40A up to 250A
40A up to 250A
40A up to 400A
100A up to 400A
425A up to 630A
Voltage
(AC/DC)
500V/440V
500V/440V
500V/440V
500V/440V
500V/440V
500V/440V
500V/440V
500V/440V
500V/440V
Interrupting
Rating
120kA/25kA
120kA/25kA
120kA/25kA
120kA/25kA
120kA/25kA
120kA/25kA
120kA/25kA
120kA/25kA
120kA/25kA
Nominal
Frequency
45 - 62 Hz
45 - 62 Hz
45 - 62 Hz
45 - 62 Hz
45 - 62 Hz
45 - 62 Hz
45 - 62 Hz
45 - 62 Hz
45 - 62 Hz
Selectivity
1:1 25
1:1 25
1:1 25
1:1 25
1:1 25
1:1 25
1:1 25
1:1 25
1:1 25
Amperage
2
4
6
10
16
20
25
32
35
40
50
63
80
100
125
160
200
224
250
300
315
355
400
425
500
630
NH00C/NH00
NH00CG2
NH00CG4
NH00CG6
NH00CG10
NH00CG16
NH00CG20
NH00CG25
NH00CG32
NH00CG35
NH00CG40
NH00CG50
NH00CG63
NH00CG80
NH00CG100
NH00G125
NH00G160
—
—
—
—
—
—
—
—
—
—
NH0
—
—
NH0G6
NH0G10
NH0G16
NH0G20
NH0G25
NH0G32
NH0G35
NH0G40
NH0G50
NH0G63
NH0G80
NH0G100
NH0G125
NH0G160
—
—
—
—
—
—
—
—
—
—
NH1C/NH1
—
—
—
—
—
—
NH1CG25
NH1CG32
NH1CG35
NH1CG40
NH1CG50
NH1CG63
NH1CG80
NH1CG100
NH1CG125
NH1CG160
NH1G200
NH1G224
NH1G250
—
—
—
—
—
—
—
NH2C/NH2
—
—
—
—
—
—
—
—
—
NH2CG40
NH2CG50
NH2CG63
NH2CG80
NH2CG100
NH2CG125
NH2CG160
NH2CG200
NH2CG224
NH2CG250
NH2G300
NH2G315
NH2G355
NH2G400
—
—
—
NH3C/NH3
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
NH3CG315
NH3CG355
NH3CG400
NH3G425
NH3G500
NH3G630
NH00M
NH00M2
NH00M4
NH00M6
NH00M10
NH00M16
NH00M20
NH00M25
NH00M32
NH00M35
NH00M40
NH00M50
NH00M63
NH00M80
NH00M100
NH00M125
NH00M160
—
—
—
—
—
—
—
—
—
—
NH1
—
—
—
—
—
—
—
—
—
—
—
NH1M63
NH1M80
NH1M100
NH1M125
NH1M160
NH1M200
NH1M224
NH1M250
NH2
—
—
—
—
—
—
—
—
—
—
—
—
—
—
NH2M125
NH2M160
NH2M200
NH2M224
NH2M250
NH2M300
NH2M315
NH2M355
NH2M400
—
—
—
NH3
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
NH3M315
NH3M355
NH3M400
—
NH3M500
NH3M630
aM 500V
gL-gG 500V


Similar Description - NHFS3B

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
011-9925 COOPER-011-9925 Datasheet
62Kb / 1P
BS88 Joint Service Fuse Links
logo
List of Unclassifed Man...
L5622.5A ETC2-L5622.5A Datasheet
144Kb / 1P
L562 MINIATURE GLASS FUSE LINKS
189000 ETC2-189000 Datasheet
334Kb / 1P
Miniature Fuse-Links
logo
Cooper Bussmann, Inc.
PV-32ANH1 COOPER-PV-32ANH1 Datasheet
256Kb / 8P
NH photovoltaic fuse links
PV-63A-01XL COOPER-PV-63A-01XL Datasheet
449Kb / 14P
XL Photovoltaic fuse links
C08G0-5 COOPER-C08G0-5 Datasheet
1Mb / 13P
Cylindrical fuse links
2NHG000B-690 COOPER-2NHG000B-690 Datasheet
330Kb / 9P
NH DIN Dual Indication Fuse Links
logo
List of Unclassifed Man...
2NHG000B-690 ETC1-2NHG000B-690 Datasheet
614Kb / 9P
690 Volts gG/gL NH Fuse links
PV-32ANH1 ETC1-PV-32ANH1 Datasheet
256Kb / 8P
NH photovoltaic fuse links
C08G0-5 ETC1-C08G0-5 Datasheet
1Mb / 13P
Cylindrical fuse links
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com