Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NRF2402 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # NRF2402
Description  Single chip 2.4 GHz Transmitter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NRF2402 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button NRF2402 Datasheet HTML 3Page - List of Unclassifed Manufacturers NRF2402 Datasheet HTML 4Page - List of Unclassifed Manufacturers NRF2402 Datasheet HTML 5Page - List of Unclassifed Manufacturers NRF2402 Datasheet HTML 6Page - List of Unclassifed Manufacturers NRF2402 Datasheet HTML 7Page - List of Unclassifed Manufacturers NRF2402 Datasheet HTML 8Page - List of Unclassifed Manufacturers NRF2402 Datasheet HTML 9Page - List of Unclassifed Manufacturers NRF2402 Datasheet HTML 10Page - List of Unclassifed Manufacturers NRF2402 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
PRODUCT SPECIFICATION
nRF2402/nRF2402G Single Chip 2.4 GHz Radio Transmitter
Nordic Semiconductor ASA
-
Vestre Rosten 81, N-7075 Tiller, Norway
-
Phone +4772898900
- Fax +4772898989
Revision: 2.0
Page 7 of 31
April 2005
ABSOLUTE MAXIMUM RATINGS
Supply voltages
VDD ............................ - 0.3V to + 3.6V
VSS ...................................................0V
Input voltage
VI....................... - 0.3V to VDD + 0.3V
Output voltage
VO...................... - 0.3V to VDD + 0.3V
Total Power Dissipation
PD (TA=85
°C) ..............................35mW
Temperatures
Operating Temperature…. - 40
°C to + 85°C
Storage Temperature…... - 40
°C to + 125°C
Note: Stress exceeding one or more of the limiting values may cause permanent damage to
the device.
ATTENTION!
Electrostatic Sensitive Device
Observe Precaution for handling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com