Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADA4851-1YRJZ-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4851-1YRJZ-R2
Description  Low Cost, High Speed, Rail-to-Rail Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4851-1YRJZ-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4851-1YRJZ-R2 Datasheet HTML 11Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 12Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 13Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 14Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 15Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 16Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 17Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 18Page - Analog Devices ADA4851-1YRJZ-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ADA4851-1/ADA4851-2/ADA4851-4
Rev. C | Page 15 of 20
Table 6. Recommended Values
Supply
Voltage
(V)
Input
Range
(V)
RG
(kΩ)
RF
(kΩ)
Gain
(V/V)
V’
(V)
SINGLE-SUPPLY VIDEO AMPLIFIER
The ADA4851 family of amplifiers is well-suited for portable
video applications. When operating in low voltage single-supply
applications, the input signal is limited by the input stage
headroom. For additional information, see the Headroom
Considerations section. Table 6 illustrates the effects of supply
voltage, input signal, various gains, and output signal swing for
the typical video amplifier shown in Figure 45.
VOUT
(V)
3
0 to 0.8
1
1
2
1.6
0.8
3
0 to 0.8
0.499
1
3
2.4
1.2
5
0 to 2.8
1
1
2
4.9
2.45
75
Ω CABLE
VOUT
75
Ω
75
Ω
VIN
V
′
RG
RF
+VS
PD
U1
C1
2.2
μF
C2
0.01
μF
+
Figure 45. Video Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com