Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FTB688 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FTB688
Description  TRIPLE DIFFUSED PNP TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FTB688 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FTB688 Datasheet HTML 1Page - First Silicon Co., Ltd FTB688 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-0.1
COLLECTOR EMITTER VOLTAGE VCE (V)
SAFE OPERATING AREA
-0.3
-0.5
-1
-3
-5
-10
-30
IC - VCE
COLLECTOR-EMITTER VOLTAGE VCE (V)
0
-2
-4
-10
10
-0.03
-0.01
hFE - IC
COLLECTOR CURRENT IC (A)
-0.01
-0.03
-0.01
COLLECTOR CURRENT IC (A)
VCE(sat) - IC
60
100
80
40
0
Pc - Ta
-6
-8
-10
-12
-14
0
-2
-4
-6
-8
COMMON EMITTER
Tc=25 C
I =-20mA
B
-50mA
-100mA
-200mA
-300mA
0mA
-0.1
-0.3
-1
-3
-10
30
50
100
300
500
1k
COMMON EMITTER
V =-5V
CE
Tc=100 C
Tc=25 C
Tc=-25 C
-0.1
-0.3
-1
-3
-10
-0.03
-0.05
-0.1
-0.3
-0.5
-1
-3
-5
COMMON EMITTER
I /I =10
C B
Tc=100
C
Tc=25 C
Tc=-25 C
120
160
200
240
0
20
40
80
Ta=Tc
INFINITE HEAT SINK
300x300x2mm Al
HEAT SINK
200x200x2mm Al
HEAT SINK
100x100x2mm Al
HEAT SINK
NO HEAT SINK
1
2
3
4
5
1
2
3
4
5
-1
-3
-10
-30
-100
-300
* SINGLE NONREPETITIVE
PULSE Tc=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
I MAX(PULSED)
C
I MAX(CONTINUOUS)
C
DC
OPERATION
Tc=25
C
t=1ms
t=10ms
t=100ms
t=500ms
AMBIENT TEMPERATURE Ta ( C)
FTB688
RATINGS AND CHARACTERISTIC CURVES
2020. 01. 13
2/2
Revision No : 0
*
*
*
*
*



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com