Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TIP31CS Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # TIP31CS
Description  TRANSISTOR (NPN)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

TIP31CS Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  TIP31CS Datasheet HTML 1Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SEMICONDUCTOR
TECHNICAL D ATA
TIP31CS
2011. 09. 27
1/1
Revision No : 0
TIP31CS
TRANSISTOR (NPN)
FEATURES
Complementary to TIP32CS
Power amplifier applications up to 3.0 amps.
MAXIMUM RATINGS (Ta=25
℃ unless otherwise noted)
e
u
l
a
V
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
Unit
VCBO
Collector-Base Voltage
100
V
VCEO
Collector-Emitter Voltage
100
V
VEBO
Emitter-Base Voltage
5
V
IC
A
3
s
u
o
u
n
i
t
n
o
C
-
t
n
e
r
r
u
C
r
o
t
c
e
ll
o
C
PC
W
1
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
r
o
t
c
e
ll
o
C
Tj
0
5
1
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
Tstg
5
6
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
~150
ELECTRICAL CHARACTERISTICS(Ta=25
unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=1m A,IE
V
0
0
1
0
=
Collector-emitter breakdown voltage
V(BR)CEO
IC=30mA,IB
V
0
0
1
0
=
Emitter-base breakdown voltage
V(BR)EBO
IE=3mA,IC
V
5
0
=
Collector cut-off current
ICBO
VCB=100V,IE
A
u
0
0
2
0
=
Base cut-off current
ICEO
VCE=60V,IB
A
u
0
0
3
0
=
Emitter cut-off current
IEBO
VEB=5V,IC
A
m
1
0
=
hFE(1)*
VCE=4V,IC
5
2
A
1
=
DC current gain
hFE(2) *
VCE=4V,IC
0
0
1
0
1
A
3
=
Collector-emitter saturation voltage
VCE(sat) *
IC=3.0A,IB=375mA
1.2
V
Base-emitter voltage
VBE *
VCE=4V,IC
V
8
.
1
A
3
=
Transition frequency
fT
VCE=10V,IC=500mA,f=1MHz
3
MHz
* Pulsed , 2%D.C.
SOT-223
1. BASE
2. COLLECTOR
3. EMITTER


Similar Part No. - TIP31CS

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP31C MOSPEC-TIP31C Datasheet
192Kb / 4P
POWER TRANSISTORS(3A,40-100V,40W)
logo
Motorola, Inc
TIP31C MOTOROLA-TIP31C Datasheet
196Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
logo
ON Semiconductor
TIP31C ONSEMI-TIP31C Datasheet
196Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
REV 1
logo
Power Innovations Ltd
TIP31C POINN-TIP31C Datasheet
86Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP31C STMICROELECTRONICS-TIP31C Datasheet
64Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
Oct-1999
More results

Similar Description - TIP31CS

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com