Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TPESD0502S6 Datasheet(PDF) 2 Page - TECH PUBLIC Electronics co LTD

Part # TPESD0502S6
Description  Low Capacitance 2-Line ESD Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD

TPESD0502S6 Datasheet(HTML) 2 Page - TECH PUBLIC Electronics co LTD

  TPESD0502S6 Datasheet HTML 1Page - TECH PUBLIC Electronics co LTD TPESD0502S6 Datasheet HTML 2Page - TECH PUBLIC Electronics co LTD TPESD0502S6 Datasheet HTML 3Page - TECH PUBLIC Electronics co LTD TPESD0502S6 Datasheet HTML 4Page - TECH PUBLIC Electronics co LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WWW.TECHPUBLIC.COM.TW
Absolute Maximum Ratings (TA=25°C unless otherwise specified)
Electrical Characteristics (TA=25°C unless otherwise specified)
Rating
ESD voltage (HBM contact)
VESD
±8
kV
ESD voltage (AIR contact)
±15
Lead soldering temperature
TL
260 (10 sec.)
Storage & operating temperature range
TSTG ,TJ
-55~+150
Parameter
Symbol
Value
Unit
Rating
Reverse stand-off voltage
VRWM
Reverse breakdown voltage
VBR
IBR
Reverse leakage current
IR
VR=5.25V
each I/O pin
A
Clamping voltage (tp=8/20 s)
VC
IPP
Clamping voltage (tp=8/20 s)
VC
IPP
Off state junction capacitance
CJ
0Vdc,f=1MHz
Between I/O
pins and GND
V
5
1
=1A
12
V
=5A
17
V
3.5
pF
=1mA
6
V
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
2
TPESD0502S6
Low Capacitance 2-Line ESD Protection
www.sot23.com.tw



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com