Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XRT7250 Datasheet(PDF) 55 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 55 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 51Page - Exar Corporation XRT7250 Datasheet HTML 52Page - Exar Corporation XRT7250 Datasheet HTML 53Page - Exar Corporation XRT7250 Datasheet HTML 54Page - Exar Corporation XRT7250 Datasheet HTML 55Page - Exar Corporation XRT7250 Datasheet HTML 56Page - Exar Corporation XRT7250 Datasheet HTML 57Page - Exar Corporation XRT7250 Datasheet HTML 58Page - Exar Corporation XRT7250 Datasheet HTML 59Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
36
2.0
THE MICROPROCESSOR INTERFACE
BLOCK
The Microprocessor Interface section supports com-
munication between the local microprocessor (µP)
and the Framer IC. In particular, the Microprocessor
Interface section supports the following operations
between the local microprocessor and the Framer.
• The writing of configuration data into the Framer
on-chip (addressable) registers.
• The writing of an outbound PMDL (Path Mainte-
nance Data Link) message into the Transmit LAPD
Message buffer (within the Framer IC).
• The Framer IC's generation of an Interrupt Request
to the µP.
• The µP's servicing of the interrupt request from the
Framer IC.
• The monitoring of the system's health by periodi-
cally reading the on-chip Performance Monitor reg-
isters.
• The reading of an inbound PMDL Message from
the Receive LAPD Message Buffer (within the
Framer IC).
Each of these operations (between the local micro-
processor and the Framer IC) will be discussed in
some detail, throughout this data sheet.
Figure 24 presents a simple block diagram of the Mi-
croprocessor Interface Section, within the Framer IC.
2.1
THE MICROPROCESSOR INTERFACE BLOCK SIG-
NAL
The Framer IC may be configured into a wide variety
of different operating modes and have its perfor-
mance monitored by software through a standard (lo-
cal housekeeping) microprocessor, using data, ad-
dress and control signals.
The local µP configures the Framer IC (into a desired
operating mode) by writing data into specific address-
able, on-chip Read/Write registers, or on-chip RAM.
The microprocessor interface provides the signals
which are required for a general purpose micropro-
cessor to read or write data into these registers. The
Microprocessor Interface also supports polled and in-
terrupt driven environments. These interface signals
are described below in Table 1, Table 2, and Table 3.
The microprocessor interface can be configured to
operate in the Motorola Mode or in the Intel mode.
When the Microprocessor Interface is operating in the
Motorola mode, then some of the control signals
function in a manner as required by the Motorola
68000 family of microprocessors. Likewise, when the
Microprocessor Interface is operating in the Intel
Mode, then some of these Control Signals function in
a manner as required by the Intel 80xx family of mi-
croprocessors.
Table 1 lists and describes those Microprocessor In-
terface signals whose role is constant across the two
modes. Table 2 describes the role of some of these
signals when the Microprocessor Interface is operat-
ing in the Intel Mode. Likewise, Table 3 describes the
role of these signals when the Microprocessor Inter-
face is operating in the Motorola Mode.
FIGURE 24. SIMPLE BLOCK DIAGRAM OF THE MICROPROCESSOR INTERFACE BLOCK, WITHIN THE FRAMER IC
A[8:0]
WR_RW
Rd_DS
CS
ALE_AS
Reset
Int
D[7:0]
MOTO
RDY_DTCK
Microprocessor
and
Programmable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com