Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS3405CS Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS3405CS
Description  Single Synchronous Buck PWM Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3405CS Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS3405CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS3405CS Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Electrical Characteristics (Iout= 0mA, and Tj = +25 oC; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Vcc supply current
Nominal supply
IVcc
2.6
--
3.8
mA
Power-on reset
Rising Vcc power-on reset
threshold
3.8
4.0
4.2
Vcc power-on reset threshold
Hysteresis
POR
0.24
0.25
0.30
V
Oscillator
Frequency
FOSC
Vcc= 5V
250
300
340
KHz
Ramp amplitude
∆VOSC
--
1.5
--
V
Reference
Reference voltage Tolerance
--
--
1.5
%
Nominal reference voltage
VREF
--
0.8
--
V
Error Amplifier
DC Gain
--
82
--
dB
Gain-bandwidth product
GBWP
14
--
--
MHz
Slew rate
SR
COMP= 10pF
4.65
8.0
9.2
V/uS
Gate Drivers
Upper gate source driver
IUGATE-SRC
--
15
--
Upper gate sink driver
IUGATE-SNK
VBOOT= 10V, IUGATE = 100mA
--
7
--
Ω
Lower gate source driver
ILGATE-SRC
--
9.5
--
Lower gate sink driver
ILGATE-SNK
VVCC= 5V, ILGATE = 100mA
--
3.5
--
Ω
Protection / Disable
OCP threshold
VOCP
VVCC= 5V, sweep Phase
--
-300
--
mV
Disable threshold
VDISABLE
Sweep COMP
--
0.3
--
V
Typical Application
Boot
Vgate
Phase
Lgate
TS3405
COMP
Rfilter
RF
Roffset
RS
Q1
Q2
Lout
Dboot
Single Power 5V Application
Cout
Cboot
CHF
Cbulk
CF
C1
CDCPL
U1
Vcc_5V
Vout
TS3405
3-10
2003/12 rev. A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com