Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IP178CLF Datasheet(PDF) 74 Page - List of Unclassifed Manufacturers

Part # IP178CLF
Description  8 Port 10/100 Ethernet Integrated Switch
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IP178CLF Datasheet(HTML) 74 Page - List of Unclassifed Manufacturers

Back Button IP178CLF Datasheet HTML 70Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 71Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 72Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 73Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 74Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 75Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 76Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 77Page - List of Unclassifed Manufacturers IP178CLF Datasheet HTML 78Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 91 page
background image
IP178C
Preliminary Data Sheet
74/91
October 27, 2005
Copyright © 2004, IC Plus Corp.
IP178C-DS-R09
PHY
MII
ROM
R/W
Description
Default
Cos and port base VLAN register 7
7[10]
79[2]
Port7 Class of service enable
1: enable, 0: disabled (default)
Packets with high priority tag from port7 are handled as high
priority packets.
1’b0
7[9]
79[1]
Port7 set to be high priority port
1: enable, 0: disabled (default)
Packets received from port7 are handled as high priority
packets.
1’b0
31
7[8:0]
79[0],
78[7:0]
Port7 VLAN look up table
The register defines the ports in the same VLAN as port7. The
bit 0~8 are corresponding to port 0~8.
1: a port is in the same VLAN as port7
0: a port is not in the same VLAN as port7
Bit0=1, port 0 and port7 are in the same VLAN;
Bit1=1, port 1 and port7 are in the same VLAN;
Bit2=1, port 2 and port7 are in the same VLAN;
Bit3=1, port 3 and port7 are in the same VLAN;
Bit4=1, port 4 and port7 are in the same VLAN;
Bit5=1, port 5 and port7 are in the same VLAN;
Bit6=1, port 6 and port7 are in the same VLAN;
Bit7=1, don’t care;
Bit8=1, MII port and port7 are in the same VLAN;
9’h1ff



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com