Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CP17138 Datasheet(PDF) 3 Page - Ledil, Inc.

Part # CP17138
Description  ~25째 wide beam. Assembly with holder C compatible EKLA sockets and connectors.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CP17138 Datasheet(HTML) 3 Page - Ledil, Inc.

  CP17138 Datasheet HTML 1Page - Ledil, Inc. CP17138 Datasheet HTML 2Page - Ledil, Inc. CP17138 Datasheet HTML 3Page - Ledil, Inc. CP17138 Datasheet HTML 4Page - Ledil, Inc. CP17138 Datasheet HTML 5Page - Ledil, Inc. CP17138 Datasheet HTML 6Page - Ledil, Inc. CP17138 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PRODUCT
DATASHEET
CP17138_CARMEN-M2-C-WHT
PHOTOMETRIC DATA (MEASURED):
LED
CLU710/711
FWHM
24.0°
Efficiency
86 %
Peak intensity
3.3 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
F15859_HEKLA-SOCKET-I
LED
CLU7B2
FWHM
22.0°
Efficiency
88 %
Peak intensity
4.6 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
F15255_HEKLA-SOCKET-C
LED
LUXEON CX Plus CoB - HD S01H4
FWHM
23.0°
Efficiency
87 %
Peak intensity
4.2 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
Bender Wirth: 634c Hekla
LED
LUXEON CX Plus CoB - HD S01H6 / HD S02H6
FWHM
23.0°
Efficiency
87 %
Peak intensity
4 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
Bender Wirth: 634c Hekla
Last update: 14/01/2020
Subject to change without prior notice
Published: 03/12/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com