Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADAV801ASTZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADAV801ASTZ
Description  Audio Codec for Recordable DVD
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV801ASTZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADAV801ASTZ Datasheet HTML 5Page - Analog Devices ADAV801ASTZ Datasheet HTML 6Page - Analog Devices ADAV801ASTZ Datasheet HTML 7Page - Analog Devices ADAV801ASTZ Datasheet HTML 8Page - Analog Devices ADAV801ASTZ Datasheet HTML 9Page - Analog Devices ADAV801ASTZ Datasheet HTML 10Page - Analog Devices ADAV801ASTZ Datasheet HTML 11Page - Analog Devices ADAV801ASTZ Datasheet HTML 12Page - Analog Devices ADAV801ASTZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
ADAV801
Rev. 0 | Page 9 of 56
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ZEROL/INT
ZEROR
DVDD
DGND
ADVDD
ADGND
PLL_LF2
PLL_LF1
PLL_GND
PLL_VDD
DGND
SYSCLK1
SYSCLK2
SYSCLK3
XIN
XOUT
39
38
37
41
40
MCLKO
MCLKI
DVDD
DGND
36
35
34
33
42
43
44
45
46
47
48
17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
64 63 62 61 60 59 58
VINR
VINL
AGND
AVDD
DIR_LF
DIR_GND
DIR_VDD
RESET
CLATCH
CIN
CCLK
COUT
13
14
15
16
25 26 27
31
30
29
28
32
57 56 55 54 53 52 51 50 49
ADAV801
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
NC = NO CONNECT
Figure 2. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
I/O
Description
1
VINR
I
Analog Audio Input, Right Channel.
2
VINL
I
Analog Audio Input, Left Channel.
3
AGND
Analog Ground.
4
AVDD
Analog Voltage Supply.
5
DIR_LF
DIR Phase-Locked Loop (PLL) Filter Pin.
6
DIR_GND
Supply Ground for DIR Analog Section. This pin should be connected to AGND.
7
DIR_VDD
Supply for DIR Analog Section. This pin should be connected to AVDD.
8
RESET
I
Asychronous Reset Input (Active Low).
9
CLATCH
I
Chip Select (Control Latch) Pin of SPI-Compatible Control Interface.
10
CIN
I
Data Input of SPI-Compatible Control Interface.
11
CCLK
I
Clock Input of SPI-Compatible Control Interface.
12
COUT
O
Data Output of SPI-Compatible Control Interface.
13
ZEROL/INT
O
Left Channel (Output) Zero Flag or Interrupt (Output) Flag. The function of this pin is determined
by the INTRPT pin in DAC Control Register 4.
14
ZEROR
O
Right Channel (Output) Zero Flag.
15
DVDD
Digital Voltage Supply.
16
DGND
Digital Ground.
17
ILRCLK
I/O
Sampling Clock (LRCLK) of Playback Digital Input Port.
18
IBCLK
I/O
Serial Clock (BCLK) of Playback Digital Input Port.
19
ISDATA
I
Data Input of Playback Digital Input Port.
20
OLRCLK
I/O
Sampling Clock (LRCLK) of Record Digital Output Port.
21
OBCLK
I/O
Serial Clock (BCLK) of Record Digital Output Port.
22
OSDATA
O
Data Output of Record Digital Output Port.
23
DIRIN
I
Input to Digital Input Receiver (S/PDIF).
24
ODVDD
Interface Digital Voltage Supply.
25
ODGND
Interface Digital Ground.
26
DITOUT
O
S/PDIF Output from DIT.
27
OAUXLRCLK
I/O
Sampling Clock (LRCLK) of Auxiliary Digital Output Port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com