Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

C13489 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C13489
Description  ~70째 wide beam
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13489 Datasheet(HTML) 1 Page - Ledil, Inc.

  C13489 Datasheet HTML 1Page - Ledil, Inc. C13489 Datasheet HTML 2Page - Ledil, Inc. C13489 Datasheet HTML 3Page - Ledil, Inc. C13489 Datasheet HTML 4Page - Ledil, Inc. C13489 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
C13489_HB-5X1-WW
HB-5X1-WW
~70° wide beam
TECHNICAL SPECIFICATIONS:
Dimensions
123.0 x 25.0 mm
Height
9.3 mm
Fastening
glue, pin, screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
HB-5X1-WW
Multi-lens
PMMA
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C13489_HB-5X1-WW
» Box size:
504
105
21
8.9
Last update: 21/12/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/5


Similar Part No. - C13489

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C13489 CREE-C13489 Datasheet
256Kb / 5P
HighBay series
More results

Similar Description - C13489

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12428 LEDIL-CA12428 Datasheet
6Mb / 7P
~70째 wide beam. Assembly with holder and installation tape.
CA13045 LEDIL-CA13045_18 Datasheet
10Mb / 5P
~70째 very wide beam. Assembly with holder and installation tape.
CP14876 LEDIL-CP14876 Datasheet
3Mb / 5P
~70째 wide beam
CA15027 LEDIL-CA15027 Datasheet
1Mb / 4P
~70째 very wide beam. Assembly with installation tape.
CX12983 LEDIL-CX12983 Datasheet
1Mb / 4P
Mini reflector with ~70째 wide beam optimized for LUXEON Rebel
F15684 LEDIL-F15684 Datasheet
2Mb / 6P
~70째 wide beam
C12097 LEDIL-C12097 Datasheet
5Mb / 6P
~70째 wide beam
CA12240 LEDIL-CA12240 Datasheet
1Mb / 4P
~70째 wide beam optimized for CREE MT-G.
CA12883 LEDIL-CA12883 Datasheet
3Mb / 5P
~70째 very wide beam optimized for LUXEON M/MX
FA11904 LEDIL-FA11904 Datasheet
2Mb / 8P
~70째 wide beam optimized for CREE XP-E.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com