Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LA7126D Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LA7126D
Description  Ultra-low noise figure(NF)=0.65dB; High power gain=18.0dB;
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LA7126D Datasheet(HTML) 4 Page - Leshan Radio Company

  LA7126D Datasheet HTML 1Page - Leshan Radio Company LA7126D Datasheet HTML 2Page - Leshan Radio Company LA7126D Datasheet HTML 3Page - Leshan Radio Company LA7126D Datasheet HTML 4Page - Leshan Radio Company LA7126D Datasheet HTML 5Page - Leshan Radio Company LA7126D Datasheet HTML 6Page - Leshan Radio Company LA7126D Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4 / 7
ELECTRICAL CHARACTERISTICS
(LA7126D EVB
1); VCC=1.5 to 3.6V, TA=-40~+85℃, f=1550MHz to 1615MHz; Typical values are at VCC=2.8V and Tamb=+25℃,
f=1575.42MHz, unless otherwise noted.)
Table 3.
Electrical Characteristics
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DC ELECTRICAL CHARACTERISTICS
VCC
Supply Voltage
1.5
-
3.6
V
ISD
Shut-Down Current
EN=Low
1.0
μA
ICCSupply Current
EN=High
6.9
mA
VEN
Digital Input-Logic High
0.80
V
VEN
Digital Input-Logic Low
0.45
V
AC ELECTRICAL CHARACTERISTICS
Gp
Power Gain
18.0
dB
RLin
Input Return Loss
9.5
dB
ISL
Reverse Isolation
28.5
dB
RLout
Output Return Loss
14.2
dB
NF
Noise Figure
Zs=50 ohm;
No jammer
0.65
dB
Kf
Stability factor
f=20MHz
…10GHz
1.0
NFjNoise Figure with jammer
Pjam=-20dBm;
fjam=850MHz
TBD
dB
Pjam=-20dBm;
fjam= 1850MHz
TBD
dB
IP1dB
Inband input 1dB-compression point
f=1575.42MHz;
-8.0
dBm
IIP3oob
Out-of-band input 3
rd-order intercept
point
f1= 1712.7MHz;
f2=1850MHz;
Pin=-20dBm
TBD
dBm
IIP3oob
Out-of-band input 3
rd-order intercept
point
f1= 1712.7MHz;
f2=1850MHz;
Pin=-30dBm
TBD
dBm
H2-input
referred
LTE band-13 2
nd Harmonic
f=787.76MHz;
Pin=-25dBm;
fH2=1575.52MHz
TBD
dBm
ton
Turn-on time
2.2
µs
toff
Turn-off time
1.7
µs
Note1: input matched to 50 ohms using a high quality-factor 9.1nH inductor.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com