Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LA7129S Datasheet(PDF) 6 Page - Leshan Radio Company

Part # LA7129S
Description  Ultra low noise figure(NF)=1.0dB; High power gain=32.0dB;
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LA7129S Datasheet(HTML) 6 Page - Leshan Radio Company

  LA7129S Datasheet HTML 1Page - Leshan Radio Company LA7129S Datasheet HTML 2Page - Leshan Radio Company LA7129S Datasheet HTML 3Page - Leshan Radio Company LA7129S Datasheet HTML 4Page - Leshan Radio Company LA7129S Datasheet HTML 5Page - Leshan Radio Company LA7129S Datasheet HTML 6Page - Leshan Radio Company LA7129S Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
 
 
 
 
 
 
 
Page 6 of 7
 
APPLICATION INFORMATIONS
1.1 List of components
1. The LA7129S requires only one
external inductor for input matching.
If the device/phone manufacturers
implement very good power supply
filtering on their boards, the bypass
capacitor mentioned in this applica-
tion circuit may be optional. With
the capacitor we can get better
performance like a little higher gain
etc. The value is optimized for the
best gain, noise figure, return loss
performance. Typical value of in-
ductor is 9.1nH. For schematics see
Figure2.
2. The output of LA7129Sis internally
matched to 50 ohm and a DC
blocking capacitor is integrated
on-chip, thus no external compo-
nent is required at the output.
3. The LA7129S should be placed
close to the GPS antenna with the
input-matching inductor. Use 50-
ohm microstrip lines to connect RF
INPUT and RF OUTPUT. Bypass
capacitor should be located close to
the device. For long Vcc lines, it
may be necessary to add more
decoupling
capacitors.
Proper
grounding of the GND pins is very
important.
Table 4 lists the recommended inductor types and values;
Table 4: list of inductor
Part Number
Inductance Q(min)
Q Test
Frequency
Supplier
Size
Units
nH
MHz
LQW15A
9.1
25
250
Murata
0402
SDWL1005C
9.1
24
250
Sunlord
0402
HQ1005C
9.1
22
250
Sunlord
0402
LQP03TG47N
7.5
11
250
Murata
0603
LESHAN RADIO COMPANY, LTD.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com