| Electronic Components Datasheet Search |
|
M41T00S Datasheet(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41T00S Datasheet(HTML) 10 Page - STMicroelectronics |
|
10 / 23 page ![]() M41T00S 10/23 WRITE Mode In this mode the master transmitter transmits to the M41T00S slave receiver. Bus protocol is shown in Figure 10. Following the START condi- tion and slave address, a logic '0' (R/W=0) is placed on the bus and indicates to the addressed device that word address “An” will follow and is to be written to the on-chip address pointer. The data word to be written to the memory is strobed in next and the internal address pointer is incremented to the next address location on the reception of an acknowledge clock. The M41T00S slave receiver will send an acknowledge clock to the master transmitter after it has received the slave address see Figure 7., page 8 and again after it has re- ceived the word address and each data byte. Data Retention Mode With valid VCC applied, the M41T00S can be ac- cessed as described above with READ or WRITE Cycles. Should the supply voltage decay, the pow- er input will be switched from the VCC pin to the battery when VCC falls below the Battery Back-up Switchover Voltage (VSO). At this time the clock registers will be maintained by the attached bat- tery supply. On power-up, when VCC returns to a nominal value, write protection continues for tREC. For a further, more detailed review of lifetime cal- culations, please see Application Note AN1012. Figure 10. WRITE Mode Sequence AI00591 BUS ACTIVITY: S P SDA LINE BUS ACTIVITY: MASTER DATA n DATA n+1 DATA n+X WORD ADDRESS (An) SLAVE ADDRESS |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |