Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

C11249 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C11249
Description  Side emitter beam
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C11249 Datasheet(HTML) 1 Page - Ledil, Inc.

  C11249 Datasheet HTML 1Page - Ledil, Inc. C11249 Datasheet HTML 2Page - Ledil, Inc. C11249 Datasheet HTML 3Page - Ledil, Inc. C11249 Datasheet HTML 4Page - Ledil, Inc. C11249 Datasheet HTML 5Page - Ledil, Inc. C11249 Datasheet HTML 6Page - Ledil, Inc. C11249 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT
DATASHEET
C11249_STRADA-S
STRADA-S
Side emitter beam
TECHNICAL SPECIFICATIONS:
Dimensions
19.6 x 15.5 mm
Height
6.9 mm
Fastening
pin, screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
STRADA-S
Single lens
PMMA
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C11249_STRADA-S
» Box size: 480 x 280 x 300 mm
2880
288
144
3.5
Last update: 27/10/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/7


Similar Part No. - C11249

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C11249 CREE-C11249 Datasheet
894Kb / 15P
Strada series
More results

Similar Description - C11249

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTPS2085BSL1 MARKTECH-MTPS2085BSL1 Datasheet
593Kb / 3P
Parallel Beam Point Source Emitter
MTPS2085BWS MARKTECH-MTPS2085BWS Datasheet
602Kb / 3P
Parallel Beam Point Source Emitter
logo
List of Unclassifed Man...
QS186LEQ8 ETC2-QS186LEQ8 Datasheet
448Kb / 8P
WORLD-BEAM QS186LE Laser Emitter
logo
Marktech Corporate
MTPS2085BSL MARKTECH-MTPS2085BSL_15 Datasheet
591Kb / 3P
Parallel Beam Point Source Emitter
MTPS2085BWS MARKTECH-MTPS2085BWS_15 Datasheet
602Kb / 3P
Parallel Beam Point Source Emitter
logo
Ledil, Inc.
CA15902 LEDIL-CA15902 Datasheet
2Mb / 7P
~190째 side emitter beam
D12114 LEDIL-D12114 Datasheet
2Mb / 4P
Side emitter beam
DA12115 LEDIL-DA12115 Datasheet
2Mb / 4P
Side emitter beam. Assembly with installation tape.
CA11248 LEDIL-CA11248 Datasheet
1Mb / 7P
Side emitter beam
logo
Pepperl+Fuchs Inc.
OBE2000-R3-Y302637 PF-OBE2000-R3-Y302637 Datasheet
867Kb / 3P
Thru-beam sensor (emitter)
2022-06-03
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com