Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

C17434 Datasheet(PDF) 3 Page - Ledil, Inc.

Part # C17434
Description  ~55째 wide beam
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C17434 Datasheet(HTML) 3 Page - Ledil, Inc.

  C17434 Datasheet HTML 1Page - Ledil, Inc. C17434 Datasheet HTML 2Page - Ledil, Inc. C17434 Datasheet HTML 3Page - Ledil, Inc. C17434 Datasheet HTML 4Page - Ledil, Inc. C17434 Datasheet HTML 5Page - Ledil, Inc. C17434 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PRODUCT
DATASHEET
C17434_ILONA-WW
PHOTOMETRIC DATA (MEASURED):
LED
Vesta DTW 13mm (21W)
FWHM
42.0°
Efficiency
90 %
Peak intensity
1.2 cd/lm
LEDs/each optic 1
Light colour
Tunable White
Required components:
C16142_HEKLA-SOCKET-K
Bender Wirth: 491 Typ L8
LED
LC010T (Tunable White)
FWHM
46.0°
Efficiency
94 %
Peak intensity
1.3 cd/lm
LEDs/each optic 1
Light colour
Tunable White
Required components:
C16142_HEKLA-SOCKET-K
Bender Wirth: 501 Typ L8
LED
SLE G7 LES09
FWHM
50.0°
Efficiency
95 %
Peak intensity
1.2 cd/lm
LEDs/each optic 1
Light colour
White
Required components:
F15255_HEKLA-SOCKET-C
Last update: 20/05/2020
Subject to change without prior notice
Published: 20/05/2020
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com