Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

C12469 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C12469
Description  White mini reflector with ~80째 wide beam.
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12469 Datasheet(HTML) 1 Page - Ledil, Inc.

  C12469 Datasheet HTML 1Page - Ledil, Inc. C12469 Datasheet HTML 2Page - Ledil, Inc. C12469 Datasheet HTML 3Page - Ledil, Inc. C12469 Datasheet HTML 4Page - Ledil, Inc. C12469 Datasheet HTML 5Page - Ledil, Inc. C12469 Datasheet HTML 6Page - Ledil, Inc. C12469 Datasheet HTML 7Page - Ledil, Inc. C12469 Datasheet HTML 8Page - Ledil, Inc. C12469 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PRODUCT
DATASHEET
C12469_LISA2-R-PIN
LISA2-R-PIN
White mini reflector with ~80° wide beam. 6.5
mm high with location pin installation.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 9.9 mm
Height
6.5 mm
Fastening
glue, pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
Coating
LISA2-R-PIN
Reflector
HRPC
white
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C12469_LISA2-R-PIN
» Box size: 254 x 298 x 241 mm
10000
300
100
4.1
Last update: 15/12/2019
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/11


Similar Part No. - C12469

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C12469 CREE-C12469 Datasheet
399Kb / 4P
Lisa2 series
logo
Ledil, Inc.
C12469-LISA2-R-PIN LEDIL-C12469-LISA2-R-PIN Datasheet
1Mb / 28P
Lisa series
More results

Similar Description - C12469

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C13253 LEDIL-C13253_18 Datasheet
5Mb / 11P
Mini reflector with ~60째 wide beam
C14472 LEDIL-C14472 Datasheet
3Mb / 6P
~80째 wide beam
C13806 LEDIL-C13806 Datasheet
18Mb / 27P
~80째 wide beam
CA13636 LEDIL-CA13636 Datasheet
3Mb / 7P
Mini reflector with ~72째 wide beam.
CN16586 LEDIL-CN16586 Datasheet
6Mb / 4P
~80째 wide beam
CN16604 LEDIL-CN16604 Datasheet
3Mb / 5P
~80째 wide beam
CN17387 LEDIL-CN17387 Datasheet
4Mb / 4P
~80째 wide beam
DAISY-2X2-WW LEDIL-DAISY-2X2-WW Datasheet
5Mb / 7P
~80째 wide beam
DAISY-7X1-WW LEDIL-DAISY-7X1-WW Datasheet
10Mb / 9P
~80째 wide beam
DAISY-8X1-WW-MATT LEDIL-DAISY-8X1-WW-MATT Datasheet
3Mb / 5P
~80째 wide beam
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com