Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

C12480 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C12480
Description  ~15째 spot beam
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C12480 Datasheet(HTML) 1 Page - Ledil, Inc.

  C12480 Datasheet HTML 1Page - Ledil, Inc. C12480 Datasheet HTML 2Page - Ledil, Inc. C12480 Datasheet HTML 3Page - Ledil, Inc. C12480 Datasheet HTML 4Page - Ledil, Inc. C12480 Datasheet HTML 5Page - Ledil, Inc. C12480 Datasheet HTML 6Page - Ledil, Inc. C12480 Datasheet HTML 7Page - Ledil, Inc. C12480 Datasheet HTML 8Page - Ledil, Inc. C12480 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
PRODUCT
DATASHEET
C12480_MIRELLA-50-S-PIN
MIRELLA-50-S-PIN
~15° spot beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 49.9 mm
Height
23.9 mm
Fastening
pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
Coating
MIRELLA-50-S-PIN
Reflector
PC
metal
lacquer
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C12480_MIRELLA-50-S-PIN
» Box size: 480 x 280 x 300 mm
336
112
28
3.0
Last update: 20/02/2020
Subject to change without prior notice
Published: 03/05/2018
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/17


Similar Part No. - C12480

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C12480 CREE-C12480 Datasheet
1Mb / 32P
Mirella series
More results

Similar Description - C12480

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C11552 LEDIL-C11552_18 Datasheet
2Mb / 5P
~15째 spot beam
C12607 LEDIL-C12607 Datasheet
7Mb / 7P
~15째 spot beam
C16899 LEDIL-C16899 Datasheet
2Mb / 5P
~15째 spot beam
C16907 LEDIL-C16907 Datasheet
2Mb / 5P
~15째 spot beam
F13700 LEDIL-F13700 Datasheet
6Mb / 15P
~15째 spot beam
C16819 LEDIL-C16819 Datasheet
2Mb / 6P
~15째 spot beam
C16823 LEDIL-C16823 Datasheet
2Mb / 6P
~15째 spot beam
C17246 LEDIL-C17246 Datasheet
1Mb / 5P
~15째 spot beam
C12476 LEDIL-C12476 Datasheet
12Mb / 24P
~15째 spot beam
C14678 LEDIL-C14678 Datasheet
2Mb / 7P
~15째 spot beam
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com