Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FP16562 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FP16562
Description  ~60째 wide beam with location pin installation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FP16562 Datasheet(HTML) 1 Page - Ledil, Inc.

  FP16562 Datasheet HTML 1Page - Ledil, Inc. FP16562 Datasheet HTML 2Page - Ledil, Inc. FP16562 Datasheet HTML 3Page - Ledil, Inc. FP16562 Datasheet HTML 4Page - Ledil, Inc. FP16562 Datasheet HTML 5Page - Ledil, Inc. FP16562 Datasheet HTML 6Page - Ledil, Inc. FP16562 Datasheet HTML 7Page - Ledil, Inc. FP16562 Datasheet HTML 8Page - Ledil, Inc. FP16562 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PRODUCT
DATASHEET
FP16562_LISA3-WWW-PIN
LISA3-WWW-PIN
~60° wide beam with location pin installation
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 9.9 mm
Height
7 mm
Fastening
pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
LISA3-WWW
Single lens
PMMA
clear
LISA3-HLD-PIN
Holder
PC
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
FP16562_LISA3-WWW-PIN
» Box size: 310 x 230 x 60 mm
Single lens
2000
300
100
1.4
Last update: 03/01/2020
Subject to change without prior notice
Published: 20/03/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/12


Similar Part No. - FP16562

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FP16560 LEDIL-FP16560 Datasheet
2Mb / 8P
~35째 wide beam with location pin installation
FP16561 LEDIL-FP16561 Datasheet
2Mb / 8P
~45째 wide beam with location pin installation
FP16563 LEDIL-FP16563 Datasheet
2Mb / 9P
~18째 x 50째 oval beam with location pininstallation
More results

Similar Description - FP16562

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA11027 LEDIL-FA11027 Datasheet
1Mb / 5P
~60째 wide beam. Assembly with holder and installation tape.
C13600 LEDIL-C13600 Datasheet
2Mb / 4P
~60째 wide beam with 1.5 mm high location pins.
FP14766 LEDIL-FP14766 Datasheet
2Mb / 4P
~60째 wide beam optimized for Osram Oslon SSL 80. 7.0 mm high variant with location pin installation.
FP16558 LEDIL-FP16558 Datasheet
2Mb / 6P
~15째 spot beam with location pin installation
FP16559 LEDIL-FP16559 Datasheet
2Mb / 8P
~25째 medium beam with location pin installation
FP16560 LEDIL-FP16560 Datasheet
2Mb / 8P
~35째 wide beam with location pin installation
FP16561 LEDIL-FP16561 Datasheet
2Mb / 8P
~45째 wide beam with location pin installation
CA13498 LEDIL-CA13498 Datasheet
5Mb / 6P
~60째 wide beam
C13032 LEDIL-C13032 Datasheet
2Mb / 5P
~60째 wide beam
C16830 LEDIL-C16830 Datasheet
2Mb / 4P
~60째 wide beam
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com