Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TP65H015G5WS Datasheet(PDF) 3 Page - Transphorm Inc

Part # TP65H015G5WS
Description  650V SuperGaN??FET in TO-247 (source tab)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSPHORM [Transphorm Inc]
Direct Link  https://www.transphormusa.com/en/
Logo TRANSPHORM - Transphorm Inc

TP65H015G5WS Datasheet(HTML) 3 Page - Transphorm Inc

  TP65H015G5WS Datasheet HTML 1Page - Transphorm Inc TP65H015G5WS Datasheet HTML 2Page - Transphorm Inc TP65H015G5WS Datasheet HTML 3Page - Transphorm Inc TP65H015G5WS Datasheet HTML 4Page - Transphorm Inc TP65H015G5WS Datasheet HTML 5Page - Transphorm Inc TP65H015G5WS Datasheet HTML 6Page - Transphorm Inc TP65H015G5WS Datasheet HTML 7Page - Transphorm Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
May 25, 2020
transphormusa.com
tp65h015G5ws.1
3
TP65H015G5WS-Preliminary
Circuit Implementation
Recommended gate drive: (0V, 12V) with RG=15Ω
Simplified Half-bridge Schematic
Required DC Link RC Snubber (RCDCL) a
Recommended Switching Node
RC Snubber (RCSN) b, c
[10nF + 3.3 Ω] x 3
Not necessary
Notes:
a. RCDCL should be placed as close as possible to the drain pin
b. RCSN is needed only if RG is smaller than recommendations or operational current exceeds 100C rated IDMAX
c. If required, please use [10 Ω + 100pF] x 3 in parallel
Gate Ferrite Bead (FB1)
80-120 Ω at 100MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com