Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

C13871 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C13871
Description  ~45째 20째 oval beam
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13871 Datasheet(HTML) 1 Page - Ledil, Inc.

  C13871 Datasheet HTML 1Page - Ledil, Inc. C13871 Datasheet HTML 2Page - Ledil, Inc. C13871 Datasheet HTML 3Page - Ledil, Inc. C13871 Datasheet HTML 4Page - Ledil, Inc. C13871 Datasheet HTML 5Page - Ledil, Inc. C13871 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
C13871_VANESSA-B-O
VANESSA-B-O
~45° + 20° oval beam
TECHNICAL SPECIFICATIONS:
Dimensions
295.0 x 16.0 mm
Height
8 mm
Fastening
pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
VANESSA-B-O
Linear lens
PMMA
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C13871_VANESSA-B-O
» Box size: 350 x 350 x 380 mm
448
84
14
11.1
Last update: 08/12/2019
Subject to change without prior notice
Published: 11/07/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/6


Similar Part No. - C13871

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C13871 CREE-C13871 Datasheet
876Kb / 13P
Vanessa series
More results

Similar Description - C13871

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FCP14968 LEDIL-FCP14968 Datasheet
7Mb / 6P
~45째 15째 oval beam
FCA15452 LEDIL-FCA15452_18 Datasheet
9Mb / 6P
~45째 15째 oval beam
C11917 LEDIL-C11917 Datasheet
2Mb / 5P
~40째 20째 oval beam
C13460 LEDIL-C13460 Datasheet
2Mb / 4P
~45째 20째 oval beam
C14250 LEDIL-C14250 Datasheet
4Mb / 5P
~40째 20째 oval beam
C16673 LEDIL-C16673 Datasheet
2Mb / 5P
~20째 40째 oval beam
CA16674 LEDIL-CA16674 Datasheet
8Mb / 8P
~20째 40째 oval beam
FP11125 LEDIL-FP11125 Datasheet
2Mb / 7P
~45째 x 20째 oval beam
FP11121 LEDIL-FP11121 Datasheet
1Mb / 6P
~45째 x 20째 oval beam optimized for CREE XP-E.
CN14811 LEDIL-CN14811 Datasheet
5Mb / 11P
~60째 20째 oval beam.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com