Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

C17313 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C17313
Description  IESNA Type III (medium) beam with excellent back light control
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C17313 Datasheet(HTML) 1 Page - Ledil, Inc.

  C17313 Datasheet HTML 1Page - Ledil, Inc. C17313 Datasheet HTML 2Page - Ledil, Inc. C17313 Datasheet HTML 3Page - Ledil, Inc. C17313 Datasheet HTML 4Page - Ledil, Inc. C17313 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
C17313_STRADELLA-8-HV-CSP-T3-M
STRADELLA-8-HV-CSP-T3-M
IESNA Type III (medium) beam with excellent
back light control, illuminance uniformity and
cutoff. Variant with improved creepage distance
for high voltage circuit design.
TECHNICAL SPECIFICATIONS:
Dimensions
50.0 mm
Height
4.9 mm
Fastening
screw
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
STRADELLA-8-HV-CSP-T3-M
Multi-lens
PMMA
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C17313_STRADELLA-8-HV-CSP-T3-M
» Box size: 480 x 280 x 300 mm
800
160
160
7.1
Last update: 27/01/2020
Subject to change without prior notice
Published: 20/01/2020
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/5


Similar Part No. - C17313

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C1731 ETC-C1731 Datasheet
38Kb / 1P
205 UH Inductor Approved for use by GlobeSpan
logo
Ledil, Inc.
C17312 LEDIL-C17312 Datasheet
2Mb / 5P
IESNA Type II (medium) beam with excellent back light control
C17314 LEDIL-C17314 Datasheet
2Mb / 4P
Type II/III (long) beam for very wide pole to pole distances
More results

Similar Description - C17313

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16504 LEDIL-C16504 Datasheet
4Mb / 6P
IESNA Type II Medium beam with excellent back light control
C16505 LEDIL-C16505 Datasheet
2Mb / 5P
IESNA Type III Medium beam with excellent back light control
CS16104 LEDIL-CS16104 Datasheet
3Mb / 6P
IESNA Type III (medium) beam
C16280 LEDIL-C16280 Datasheet
908Kb / 3P
IESNA Type III (medium) beam
C15540 LEDIL-C15540 Datasheet
2Mb / 4P
IESNA Type III (medium) beam
C16795 LEDIL-C16795 Datasheet
4Mb / 3P
IESNA Type II Medium beam with excellent back light control, illuminance uniformity and cutoff.
C17065 LEDIL-C17065 Datasheet
2Mb / 7P
IESNA Type III (medium) beam with excellent back light control,
CS16974 LEDIL-CS16974 Datasheet
3Mb / 5P
IESNA Type III (medium) beam with excellent backlight control
CS16975 LEDIL-CS16975 Datasheet
3Mb / 4P
IESNA Type II (medium) beam with excellent backlight control
C17312 LEDIL-C17312 Datasheet
2Mb / 5P
IESNA Type II (medium) beam with excellent back light control
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com