Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

R200 Datasheet(PDF) 5 Page - Intel Corporation

Part # R200
Description  Embedded Infrared Assisted Stereovision 3D Imaging System with Color Camera
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

R200 Datasheet(HTML) 5 Page - Intel Corporation

  R200 Datasheet HTML 1Page - Intel Corporation R200 Datasheet HTML 2Page - Intel Corporation R200 Datasheet HTML 3Page - Intel Corporation R200 Datasheet HTML 4Page - Intel Corporation R200 Datasheet HTML 5Page - Intel Corporation R200 Datasheet HTML 6Page - Intel Corporation R200 Datasheet HTML 7Page - Intel Corporation R200 Datasheet HTML 8Page - Intel Corporation R200 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
334616-001
5
List of Figures
Figure 1-1. R200 Module Assembly .......................................................................................... 9
Figure 2-1. Example Color Stream ..........................................................................................10
Figure 2-2. Example Depth Stream .........................................................................................11
Figure 2-3. R200 Module Form Factor......................................................................................11
Figure 2-4. Component Locations (Front View) .........................................................................13
Figure 3-1. Infrared Projector.................................................................................................16
Figure 4-1. Active Stereo Technology Overview ........................................................................19
Figure 6-1. USB Composite Device Hardware ID .......................................................................23
Figure 7-1. Z Direction Module Flex Example............................................................................25
Figure 7-2. Y Direction Module Flex Example ............................................................................26
Figure 7-3. Twist Module Flex Example....................................................................................26
Figure 7-4. Receptacle Ground Bar Motherboard Connections.....................................................28
Figure 7-5. Example IR Transmission of Acceptable Cover Material .............................................30
Figure 7-6. Example of Light Leakage Effects ...........................................................................31
Figure 7-7. Example of Gasket Material Placement....................................................................32
Figure 7-8. Example of Separated Windows for Cover Material ...................................................32
Figure 7-9. System Component Placement...............................................................................33
Figure 7-10. Module Thermal Probe Points ...............................................................................33
Figure 7-11. Module Thermal Solution Chassis or Frame Mount ..................................................35
Figure 7-12. Module Mounting Chassis or Frame .......................................................................35
Figure 7-13. Module Thermal Solution Rear Cover Mount ...........................................................35
Figure 7-14. Module Mounting Rear Cover ...............................................................................36
Figure 7-15. Example of Host Platform Motherboard Routing......................................................37
Figure 7-16. Module Platform Power Gate Example ...................................................................38
Figure 7-17. System Receptacle Properties ..............................................................................38
Figure 9-1. UPC Return Package Values ...................................................................................42
Figure 9-2. PLD System Design Considerations.........................................................................43
Figure 10-1. Camera Module Label..........................................................................................44
Figure 12-1. Cable Mechanical Drawing ...................................................................................47
Figure 13-1. R200 Receptacle Mechanical Drawing....................................................................48
Figure 13-2. R200 Interconnect Plug Mechanical Drawing ..........................................................49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com