Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FP11076 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FP11076
Description  ~35째 wide beam optimized for CREE XP-E.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FP11076 Datasheet(HTML) 1 Page - Ledil, Inc.

  FP11076 Datasheet HTML 1Page - Ledil, Inc. FP11076 Datasheet HTML 2Page - Ledil, Inc. FP11076 Datasheet HTML 3Page - Ledil, Inc. FP11076 Datasheet HTML 4Page - Ledil, Inc. FP11076 Datasheet HTML 5Page - Ledil, Inc. FP11076 Datasheet HTML 6Page - Ledil, Inc. FP11076 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT
DATASHEET
FP11076_LISA2-W-CLIP
LISA2-W-CLIP
~35° wide beam optimized for CREE XP-E. 6.8
mm high variant with clip installation.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 9.9 mm
Height
6.8 mm
Fastening
glue, clips
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
LISA2-W
Single lens
PMMA
clear
LISA2-HLD-CLIP16-XP
Holder
PC
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
FP11076_LISA2-W-CLIP
» Box size:
Single lens
2000
300
100
1.4
Last update: 04/06/2018
Subject to change without prior notice
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/7


Similar Part No. - FP11076

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FP11076 CREE-FP11076 Datasheet
384Kb / 8P
Lisa series
More results

Similar Description - FP11076

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11052 LEDIL-CA11052_18 Datasheet
3Mb / 7P
~35째 15째 oval beam optimized for CREE XP-E.
CA12056 LEDIL-CA12056_18 Datasheet
2Mb / 5P
~45째 wide beam optimized for CREE XP-E.
CA11766 LEDIL-CA11766 Datasheet
2Mb / 5P
~65째 wide beam optimized for CREE XP-E
CA12344 LEDIL-CA12344 Datasheet
3Mb / 8P
~40째 wide beam optimized for CREE XP-E.
FA10832 LEDIL-FA10832 Datasheet
2Mb / 6P
~40째 wide beam optimized for CREE XP-E.
FP11077 LEDIL-FP11077 Datasheet
1Mb / 6P
~45째 wide beam optimized for CREE XP-E.
FP11431 LEDIL-FP11431 Datasheet
2Mb / 6P
~80째 wide beam optimized for CREE XP-E.
C13235 LEDIL-C13235 Datasheet
4Mb / 9P
~35째 wide beam optimized for CREE XT-E
FA11903 LEDIL-FA11903 Datasheet
3Mb / 6P
~55째 wide beam optimized for CREE XP-E.
FA11904 LEDIL-FA11904 Datasheet
2Mb / 8P
~70째 wide beam optimized for CREE XP-E.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com