Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

C16752 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C16752
Description  Shade for an extremely tight cut-off in high contrast applications compatible
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C16752 Datasheet(HTML) 1 Page - Ledil, Inc.

  C16752 Datasheet HTML 1Page - Ledil, Inc. C16752 Datasheet HTML 2Page - Ledil, Inc. C16752 Datasheet HTML 3Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT
DATASHEET
C16752_CARMEN-70-SHD
CARMEN-70-SHD
Shade for an extremely tight cut-off in high
contrast
applications
compatible
with
CARMEN-SS and -RS
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 69.5 mm
Height
21.3 mm
Fastening
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
CARMEN-70-SHD
Shade
PC
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
C16752_CARMEN-70-SHD
» Box size: 390 x 295 x 200 mm
300
150
15
2.4
Last update: 14/01/2020
Subject to change without prior notice
Published: 01/07/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/3


Similar Part No. - C16752

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
C1675 SEMTECH_ELEC-C1675 Datasheet
478Kb / 3P
NPN Silicon Epitaxial Planar Transistor FM/AM RF AMP, MIX, CONV, OSC, IF
19/12/2003
logo
Ledil, Inc.
C16751 LEDIL-C16751 Datasheet
3Mb / 4P
IESNA Type II (medium) beam
More results

Similar Description - C16752

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0011184403 MOLEX11-0011184403 Datasheet
20Kb / 1P
Cut-off Punch
0011404420 MOLEX11-0011404420 Datasheet
20Kb / 1P
Cut Off Punch
11-18-4109 MOLEX11-11-18-4109 Datasheet
32Kb / 1P
Cut-off Punch
11-18-4447 MOLEX11-11-18-4447 Datasheet
30Kb / 1P
Cut-off Punch
63469-0004 MOLEX11-63469-0004 Datasheet
31Kb / 1P
Cut-off Punch
logo
Marl International Limi...
676-501-2112 MARL-676-501-2112_15 Datasheet
421Kb / 4P
Smoked lens for high on/ off contrast ratio
677-501-2112 MARL-677-501-2112_15 Datasheet
459Kb / 5P
Smoked lens for high on/ off contrast ratio
logo
Molex Electronics Ltd.
0011404418 MOLEX-0011404418 Datasheet
34Kb / 1P
Cut-off Punch
11/02/2021
0011184447 MOLEX-0011184447 Datasheet
23Kb / 1P
Cut-off Punch
08/25/2022
0011184593 MOLEX-0011184593 Datasheet
25Kb / 1P
Cut-off Punch
08/25/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com