Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB3280 Datasheet(PDF) 20 Page - Microchip Technology

Part # USB3280
Description  Hi-Speed USB Device PHY with UTMI Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3280 Datasheet(HTML) 20 Page - Microchip Technology

Back Button USB3280 Datasheet HTML 16Page - Microchip Technology USB3280 Datasheet HTML 17Page - Microchip Technology USB3280 Datasheet HTML 18Page - Microchip Technology USB3280 Datasheet HTML 19Page - Microchip Technology USB3280 Datasheet HTML 20Page - Microchip Technology USB3280 Datasheet HTML 21Page - Microchip Technology USB3280 Datasheet HTML 22Page - Microchip Technology USB3280 Datasheet HTML 23Page - Microchip Technology USB3280 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
USB3280
DS00001898A-page 20
 2004 - 2015 Microchip Technology Inc.
• The SIE must be ready to consume a data byte if RXACTIVE and RXVALID are asserted (RX Data state).
• Figure 7-5 shows the timing relationship between the received data (DP/DM), RXVALID, RXACTIVE, RXERROR
and DATA signals.
Note 1:
The USB 2.0 Transceiver does NOT decode Packet ID's (PIDs). They are passed to the SIE for decoding.
2:
Figure 7-5, Figure 7-6 and Figure 7-7 are timing examples of a HS/FS PHY when it is in HS mode. When a
HS/FS PHY is in FS Mode there are approximately 40 CLKOUT cycles every byte time. The Receive State
Machine assumes that the SIE captures the data on the DATA bus if RXACTIVE and RXVALID are asserted.
In FS mode, RXVALID will only be asserted for one CLKOUT per byte time.
3:
In Figure 7-5, Figure 7-6 and Figure 7-7 the SYNC pattern on DP/DM is shown as one byte long. The SYNC
pattern received by a device can vary in length. These figures assume that all but the last 12 bits have been
consumed by the hubs between the device and the host controller.
FIGURE 7-5:
RECEIVE TIMING FOR A HANDSHAKE PACKET (NO CRC)
FIGURE 7-6:
RECEIVE TIMING FOR SETUP PACKET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com